Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVSPGCCR8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSPGCCR8
Description  1-Watt SMD Green LED Lamp (7mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPGCCR8 Datasheet(HTML) 1 Page - TT Electronics.

  OVSPGCCR8 Datasheet HTML 1Page - TT Electronics. OVSPGCCR8 Datasheet HTML 2Page - TT Electronics. OVSPGCCR8 Datasheet HTML 3Page - TT Electronics. OVSPGCCR8 Datasheet HTML 4Page - TT Electronics. OVSPGCCR8 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue 1.2
0705
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD Green LED Lamp
(7mm)
OVSPGCCR8
x
High luminous flux output for illumination
x
Exposed pad design for excellent heat transfer
x
Designed for high current operation
x
Reflow soldering applicable
The OVSPGCCR8 is designed to handle high current and heat and emits sufficient light for a variety of lighting and
illumination applications. Small size and high power allow for compact and cost-effective lighting solutions.
Applications
x
Automotive: Exterior and Interior Lighting
x
Backlighting LCD Displays: Televisions and Computer Monitors
x
Entertainment: Studios, Theaters, Nightclubs, Restaurants
x
Accent Lighting: Wall Wash, Landscape, Spotlight
x
Bicycle and Pedestrian Safety Lights
Product Photo Here
Part Number
Material
Emitted Color
Flux Typ. lm
OVSPGCCR8
InGaN
Green
40
Lens Color
Water Clear
Data is subject to change without prior notice.
RoHS
1 ANODE
2 HEAT SINK
3 CATHODE
DIMENSIONS ARE IN INCHES AND [MILLIMETERS].


Similar Part No. - OVSPGCCR8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPGBCR4 OPTEK-OVSPGBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
logo
TT Electronics.
OVSPGBCR44 TTELEC-OVSPGBCR44 Datasheet
792Kb / 11P
1-Watt SMD 6x6mm With Dome Lens
More results

Similar Description - OVSPGCCR8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPBCCR8 OPTEK-OVSPBCCR8 Datasheet
599Kb / 4P
1-Watt SMD Blue LED Lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
SMD LED LAMP
REV NO: V.2
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
SMD LED LAMP
REV NO: V.2
BL-LS1206HC BETLUX-BL-LS1206HC Datasheet
129Kb / 5P
SMD LED LAMP
REV NO: V.2
logo
Ningbo Foryard Optoelec...
FYLS-1206SRC FORYARD-FYLS-1206SRC_15 Datasheet
547Kb / 8P
SMD led lamp
FYLS-2810UYC-H FORYARD-FYLS-2810UYC-H Datasheet
457Kb / 8P
SMD led lamp
logo
TT Electronics.
OVSPAAC5R8 TTELEC-OVSPAAC5R8 Datasheet
726Kb / 5P
1-Watt SMD Amber LED Lamp (7mm)
OVSPBCCR8 TTELEC-OVSPBCCR8 Datasheet
736Kb / 5P
1-Watt SMD Blue LED Lamp (7mm)
OVSPRAC5R8 TTELEC-OVSPRAC5R8 Datasheet
733Kb / 5P
1-Watt SMD Red LED Lamp (7mm)
OVSPW7CR8 TTELEC-OVSPW7CR8 Datasheet
850Kb / 6P
1-Watt SMD White LED Lamp (7mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com