Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC5750UTR Datasheet(PDF) 33 Page - IXYS Corporation

Part # CPC5750UTR
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750UTR Datasheet(HTML) 33 Page - IXYS Corporation

Back Button CPC5750UTR Datasheet HTML 29Page - IXYS Corporation CPC5750UTR Datasheet HTML 30Page - IXYS Corporation CPC5750UTR Datasheet HTML 31Page - IXYS Corporation CPC5750UTR Datasheet HTML 32Page - IXYS Corporation CPC5750UTR Datasheet HTML 33Page - IXYS Corporation CPC5750UTR Datasheet HTML 34Page - IXYS Corporation CPC5750UTR Datasheet HTML 35Page - IXYS Corporation CPC5750UTR Datasheet HTML 36Page - IXYS Corporation CPC5750UTR Datasheet HTML 37Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
33
CPC5750
7. 4-Wire SPI (Serial Peripheral Interface)
A 4-wire, bidirectional serial interface is used for control and status monitoring when the CPC5750 is configured for
the PCM transmission mode. Typical hardware implementation of a SPI bus consists of a single master with one or
more slave devices where the role of the master is generally performed by the system controller. In PCM voice circuit
applications where a configurable CODEC is utilized such as the CPC5750, the CODEC is a slave. Data is passed
between the master and slave(s) by means of four logic signals. They are: SCLK (the serial clock); SDO (the serial
data out); SDI (the serial data in); and CS (the chip select line). Of these four logical signals, three are output by the
SPI bus master. The SPI bus master drives the CPC5750 serial data pins SCLK, SDI and CS. For the SPI bus to
function properly, the bus master’s input and output nodes must be cross connected to the SPI bus slave’s output and
input nets. This means, the master’s SDO output must be connected to the slave’s SDI input and the slave’s SDO
output must be connected to the master’s SDI input. In order to connect multiple slave devices onto the SPI bus, all
slaves must set their SDO output to high impedance (HI-Z) when not actively driving the common SDO net and each
slave must have it’s own dedicated CS connection back to the SPI bus master.
SPI bus commands issued by the system controller to the CPC5750 are eight bits in length (MSB first) and are
constructed by appending the command nibble (4 bits) with the register address nibble. The CPC5750 SPI bus
circuitry recognizes only two commands; they are READ and WRITE. For the system controller to issue a command
via the SPI bus it must drive the three SPI bus slave inputs; SCLK, CS and SDI.
Write commands are the means by which the system controller places data into one the CPC5750 control registers.
Each packet of a single register write sequence contains an 8-bit command byte appended by the 8-bit data byte to
be stored in the register listed in the command byte. The CPC5750 inputs eight bits of SDI data beginning with the
first rising edge of SCLK after CS goes active (low). When the input data byte is 0xB (1011) followed by a legitimate
four bit register address, the command is accepted and the second data byte is written into the appropriate register.
This sequence is illustrated in Figure 16.
Read commands are used by the system controller to validate the values written into the configuration registers and
to query the logical values applied to the GPIO ports configured as inputs. The read command byte sequence is the
same as described above for the write mode. The CPC5750 recognizes and accepts read commands when the input
data byte is 0xA (1010) followed by a legitimate four bit register address. With a valid read command, the CPC5750
will output the eight data bits contained in the register listed in the command byte. This data is output onto the SDO
net beginning with the MSB of the register’s contents on the first falling edge of SCLK after the rising edge of SCLK
used to clock in the LSB of the command byte. In this manner, the first control register bit will be available to the
system controller on the next rising edge of SCLK. Reliable data transfer from the CPC5750 to the system controller
requires CS to remain low while the CPC5750 is outputting data, going high only after satisfying the controller’s input
data setup and hold time requirements to ensure the last output bit is received. This sequence is illustrated in
Figure 16.
Multi-byte writes and reads are supported for single write or read commands. The register address automatically
increments after each data byte for as long as CS is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com