Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCD2400M Datasheet(PDF) 21 Page - IXYS Corporation

Part # NCD2400M
Description  Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

NCD2400M Datasheet(HTML) 21 Page - IXYS Corporation

Back Button NCD2400M Datasheet HTML 14Page - IXYS Corporation NCD2400M Datasheet HTML 15Page - IXYS Corporation NCD2400M Datasheet HTML 16Page - IXYS Corporation NCD2400M Datasheet HTML 17Page - IXYS Corporation NCD2400M Datasheet HTML 18Page - IXYS Corporation NCD2400M Datasheet HTML 19Page - IXYS Corporation NCD2400M Datasheet HTML 20Page - IXYS Corporation NCD2400M Datasheet HTML 21Page - IXYS Corporation NCD2400M Datasheet HTML 22Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
INTEGRATED CIRCUITS DIVISION
NCD2400M
R01
www.ixysic.com
21
5. Manufacturing Information
5.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classifies its plastic encapsulated devices for moisture sensitivity according to the latest
version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product evaluation.
We test all of our products to the maximum conditions set forth in the standard, and guarantee proper
operation of our devices when handled according to the limitations and information in that standard as well as to any
limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) classification as shown below, and should be handled
according to the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
5.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard JESD-625.
5.3 Soldering Profile
Provided in the table below is the Classification Temperature (TC) of this product and the maximum dwell time the
body temperature of this device may be (TC - 5)ºC or greater. The classification temperature sets the Maximum Body
Temperature allowed for this device during lead-free reflow processes. For through-hole devices, and any other
processes, the guidelines of J-STD-020 must be observed.
5.4 Board Wash
IXYS Integrated Circuits Division recommends the use of no-clean flux formulations. Board washing to reduce or
remove flux residue following the solder reflow process is acceptable provided proper precautions are taken to
prevent damage to the device. These precautions include but are not limited to: using a low pressure wash and
providing a follow up bake cycle sufficient to remove any moisture trapped within the device due to the washing
process. Due to the variability of the wash parameters used to clean the board, determination of the bake temperature
and duration necessary to remove the moisture trapped within the package is the responsibility of the user
(assembler). Cleaning or drying methods that employ ultrasonic energy may damage the device and should not be
used. Additionally, the device must not be exposed to flux or solvents that are Chlorine- or Fluorine-based.
Device
Moisture Sensitivity Level (MSL) Classification
NCD2400M - All Versions
MSL 1
Device
Classification Temperature (TC)
Dwell Time (tp)
Max Reflow Cycles
NCD2400M - All Versions
260°C
30 seconds
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com