Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5933EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-AD5933EBZ
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5933EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-AD5933EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD5933EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD5933
Data Sheet
Rev. F | Page 8 of 40
PIN CONFIGURATION AND DESCRIPTIONS
NC
1
NC
2
NC
3
RFB
4
SCL
16
SDA
15
AGND2
14
AGND1
13
VIN
5
VOUT
6
NC
7
DGND
12
AVDD2
11
AVDD1
10
MCLK
8
DVDD
9
NC = NO CONNECT
AD5933
TOP VIEW
(Not to Scale)
IT IS RECOMMENDED TO TIE ALL SUPPLY
CONNECTIONS (PIN 9, PIN 10, AND PIN 11)
AND RUN FROM A SINGLE SUPPLY BETWEEN
2.7V AND 5.5V. IT IS ALSO RECOMMENDED TO
CONNECT ALL GROUND SIGNALS TOGETHER
(PIN 12, PIN 13, AND PIN 14).
NOTES:
1.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3, 7
NC
No Connect. Do not connect to this pin.
4
RFB
External Feedback Resistor. Connected from Pin 4 to Pin 5 and used to set the gain of the current-to-voltage
amplifier on the receive side.
5
VIN
Input to Receive Transimpedance Amplifier. Presents a virtual earth voltage of VDD/2.
6
VOUT
Excitation Voltage Signal Output.
8
MCLK
The master clock for the system is supplied by the user.
9
DVDD
Digital Supply Voltage.
10
AVDD1
Analog Supply Voltage 1.
11
AVDD2
Analog Supply Voltage 2.
12
DGND
Digital Ground.
13
AGND1
Analog Ground 1.
14
AGND2
Analog Ground 2.
15
SDA
I2C Data Input. Open-drain pins requiring 10 kΩ pull-up resistors to VDD.
16
SCL
I2C Clock Input. Open-drain pins requiring 10 kΩ pull-up resistors to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com