Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4994 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4994
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 2Page - STMicroelectronics TS4994 Datasheet HTML 3Page - STMicroelectronics TS4994 Datasheet HTML 4Page - STMicroelectronics TS4994 Datasheet HTML 5Page - STMicroelectronics TS4994 Datasheet HTML 6Page - STMicroelectronics TS4994 Datasheet HTML 7Page - STMicroelectronics TS4994 Datasheet HTML 8Page - STMicroelectronics TS4994 Datasheet HTML 9Page - STMicroelectronics TS4994 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TS4994
Electrical Characteristics
6/31
Table 5.
Electrical Characteristics - VCC = +2.6V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
37
mA
ISTANDBY
Standby Current
No input signal, Vstdby = VSM = GND, RL = 8Ω
No input signal, Vstdby = VSM = VCC, RL = 8Ω
10
1000
nA
Voo
Differential Output Offset Voltage
No input signal, RL = 8
Ω
0.1
10
mV
VICM
Input Common Mode Voltage
CMRR
≤ -60dB
0.6
VCC-
0.9
V
Po
Output Power
THD = 1% Max, F= 1kHz, RL = 8
Ω
200
250
mW
THD + N
Total Harmonic Distortion + Noise
Po = 225mW rms, Av = 1, 20Hz
≤ F ≤ 20kHz, RL = 8Ω
0.5
%
PSRRIG
Power Supply Rejection Ratio with Inputs Grounded1
F = 217Hz, R = 8
Ω, Av = 1, Cin = 4.7µF, Cb =1µF
Vripple = 200mVPP
100
dB
CMRR
Common Mode Rejection Ratio
F = 217Hz, RL = 8
Ω, Av = 1, Cin = 4.7µF, Cb =1µF
Vic = 200mVPP
90
dB
SNR
Signal-to-Noise Ratio (A Weighted Filter, Av = 2.5)
(RL = 8Ω, THD +N < 0.7%, 20Hz ≤ F ≤ 20kHz)
100
dB
GBP
Gain Bandwidth Product
RL = 8Ω
2MHz
VN
Output Voltage Noise, 20Hz
≤ F ≤ 20kHz, RL = 8Ω
Unweighted, Av = 1
A weighted, Av = 1
Unweighted, Av = 2.5
A weighted, Av = 2.5
Unweighted, Av = 7.5
A weighted, Av = 7.5
Unweighted, Standby
A weighted, Standby
6
5.5
12
10.5
33
28
1.5
1
µVRMS
TWU
Wake-Up Time2
Cb =1µF
15
ms
1)
Dynamic measurements - 20*log(rms(Vout)/rms (Vripple)). Vripple is the super-imposed sinus signal relative to Vcc.
2)
Transition time from standby mode to fully operational amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com