Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTST-C19GD2WT Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTST-C19GD2WT
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C19GD2WT Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTST-C19GD2WT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C19GD2WT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics At Ta=25C
Parameter
Symbol
LTST-C19GD2WT
Unit
Test Condition
Blue
Red
Green
Luminous
Intensity
IV
MIN.
28.0
71.0
112.0
mcd
IF = 20mA
Note 1
TYP.
40.0
100.0
150.0
MAX.
Viewing Angle
2
1/2
TYP.
130
deg
Note 2 (Fig.6)
Peak Emission
Wavelength
P
TYP.
468
632
520
nm
Measurement
@Peak (Fig.1)
Dominant
Wavelength
d
MIN.
465
618
519
nm
IF = 20mA
Note 3
MAX.
477
630
540
Spectral Line
Half-Width

TYP.
26
17
35
nm
Forward Voltage
VF
TYP.
3.5
2.0
3.5
V
IF = 20mA
MAX.
3.8
2.4
3.8
Reverse Current
IR
MAX.
10
10
10
A
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
Part
No. : LTST-C19GD2WT
Page :
4
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com