Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS6332 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GS6332
Description  3 Pin, Low-Power, P Reset Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6332 Datasheet(HTML) 5 Page - Vishay Siliconix

  GS6332 Datasheet HTML 1Page - Vishay Siliconix GS6332 Datasheet HTML 2Page - Vishay Siliconix GS6332 Datasheet HTML 3Page - Vishay Siliconix GS6332 Datasheet HTML 4Page - Vishay Siliconix GS6332 Datasheet HTML 5Page - Vishay Siliconix GS6332 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GS6332 and GS6333
Vishay
formerly General Semiconductor
Document Number 74810
www.vishay.com
22-May-02
5
140
145
150
155
165
170
40
--20
10
70
--50
130
100
40
--20
10
70
--50
130
100
160
Fig. 4 – Reset Time vs. Temperature
Temperature (
°C)
0
0.4
0.8
1.6
2
01
2
3
4
5
1.2
Fig. 7 – ICC vs. VCC
VCC (V)
37
38
39
40
42
43
020
--20
40
--40
60
80
100
41
Fig. 8 – TD1 Delay vs. Temperature
Temperature (
°C)
Fig. 6 – Reset Vth vs. Temperature
Temperature (
°C)
2.10
2.15
2.20
2.25
2.30
2.35
Fig. 5 – ICC vs. Temperature
Temperature (
°C)
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
40
--20
10
70
--50
130
100
GS6333UR25D3
GS6333UR25D3
GS6333UR25D3
85
°C
40
°C
0
°C
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com