Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2467 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2467 Datasheet HTML 6Page - National Semiconductor (TI) LM2467 Datasheet HTML 7Page - National Semiconductor (TI) LM2467 Datasheet HTML 8Page - National Semiconductor (TI) LM2467 Datasheet HTML 9Page - National Semiconductor (TI) LM2467 Datasheet HTML 10Page - National Semiconductor (TI) LM2467 Datasheet HTML 11Page - National Semiconductor (TI) LM2467 Datasheet HTML 12Page - National Semiconductor (TI) LM2467 Datasheet HTML 13Page - National Semiconductor (TI) LM2467 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Typical Performance Characteristics V
CC =5V, TA = 25˚C unless otherwise specified (Continued)
TABLE 3. OSD Register Recommendations
PPL=0
PPL=1
PPL=2
PPL=3
PPL=4
PPL=5
PPL=6
PPL=7
PLL Auto
25 - 110
25 - 110
25 - 110
25 - 110
25 - 110
25 - 108
25 - 102
25 - 96
If 1152 pixels per line is being used, the horizontal scan rate
would have to be lower than 106 kHz in order to not exceed
the maximum OSD pixel frequency of 111 MHz. The maxi-
mum number of vertical video lines that may be used is 1536
lines as in a 2048x1536 display. The LM1236 has a PLL
Auto feature, which will automatically select an internal PLL
frequency range setting that will guarantee optimal OSD
locking for any horizontal scan rate. This offers improved
PLL performance and eliminates the need for PLL register
settings determined by the user. To initialize the PLL Auto
feature, set bits, 0x843E[1:0] to 0 for pre-calibration, which
takes one vertical scan period to complete, and must be
done while the video is blanked. Subsequently, set
0x843E[6] to 1, which must also be done while the video is
blanked. Table 3 shows the recommended horizontal scan
rate ranges (in kHz) for each pixels per line register setting,
0x8401[7:5]. These ranges are recommended for chip am-
bient temperatures of 0oCto70oC, and the recommended
PLL filter values are 6.2kohms, 0.01uF, and 1000pF as
shown in the schematic. While the OSD PLL will lock for
other register combinations and at scan rates outside these
ranges, the performance of the loop will be improved if these
recommendations are followed.
PLL Auto Mode Initialization Sequence
•
Blank video
•
In PLL manual mode, set PLL range (0x843E[1:0]) to 0
•
Wait for at least one vertical period or vertical sync pulse
to pass
•
Set 0x843E[6] to 1 to activate the Auto mode
•
Wait for at least one vertical period or vertical sync pulse
to pass
•
Unblank video
This Sequence must be done by the microcontroller at sys-
tem power up, as well as each time there is a horizontal line
rate change from the video source, for the PLL Auto mode to
function properly.
Pin Descriptions and Application Information
Pin
No.
Pin Name
Schematic
Description
1
V Flyback
Required for OSD synchronization and is also
used for vertical blanking of the video outputs.
The actual switching threshold is about 35% of
V
CC. For logic level inputs C4 can be a jumper,
but for flyback inputs, an AC coupled
differentiator is recommended, where R
V is large
enough to prevent the voltage at pin 1 from
exceeding V
CC or going below GND. C4 should
be small enough to flatten the vertical rate ramp
at pin 1. C
24 may be needed to reduce noise.
2V
REF Bypass
Provides filtering for the internal voltage which
sets the internal bias current in conjunction with
R
EXT. A minimum of 0.1 µF is recommended for
proper filtering. This capacitor should be placed
as close to pin 2 and the pin 4 ground return as
possible.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com