Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV225TL Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV225TL
Description  RF Power Detector for CDMA and WCDMA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV225TL Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV225TL Datasheet HTML 3Page - National Semiconductor (TI) LMV225TL Datasheet HTML 4Page - National Semiconductor (TI) LMV225TL Datasheet HTML 5Page - National Semiconductor (TI) LMV225TL Datasheet HTML 6Page - National Semiconductor (TI) LMV225TL Datasheet HTML 7Page - National Semiconductor (TI) LMV225TL Datasheet HTML 8Page - National Semiconductor (TI) LMV225TL Datasheet HTML 9Page - National Semiconductor (TI) LMV225TL Datasheet HTML 10Page - National Semiconductor (TI) LMV225TL Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Connection Diagrams
4-Bump micro SMD
6-pin LLP
20076002
Top View
20076063
Top View
Pin Description
Pin
Name
Description
micro SMD
LLP6
Power Supply
A2
4
V
DD
Positive Supply Voltage
B1
1
GND
Power Ground
A1
3
RF
IN/EN
DC voltage determines enable state of the device (HIGH = device
active). AC voltage is the RF input signal to the detector (beyond 450
MHz). The RF
IN/EN pin is internally terminated with 50
Ω in series with
45 pF.
Output
B2
6
Out
Ground referenced detector output voltage (linear in dBm)
Ordering Information
Package
Part Number
Package
Marking
Transport Media
NSC Drawing
Status
4-Bump micro SMD
LMV225TL
I
250 Units Tape and Reel
TLA04AAA
Released
LMV225TLX
3k Units Tape and Reel
6-pin LLP
LMV225SD
A90
2k Units Tape and Reel
SDB06A
Preliminary
LMV225SDX
9k Units Tape and Reel
4-Bump micro SMD
LMV226TL
I
250 Units Tape and Reel
TLA04AAA
Released
LMV226TLX
3k Units Tape and Reel
LMV228TL
I
250 Units Tape and Reel
LMV228TLX
3k Units Tape and Reel
6-pin LLP
LMV228SD
A89
2k Units Tape and Reel
SDB06A
Preliminary
LMV228SDX
9k Units Tape and Reel
Note: This product is offered both with leaded and lead free bumps.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com