Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5014ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5014ESA
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5014ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5014ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 9Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 10Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
_______________________________________________________________________________________
7
HIGH-
VOLTAGE
REGULATOR
IN
EN
OUT
BIAS
WINDING
REGULATOR
IN
EN
OUT
SLOPE
COMPENSATION
26mV/
µs
275kHz
OSCILLATOR
70ns
BLANKING
R
S
Q
80%/50%
DUTY CYCLE
CLAMP
ILIM
BUF
UVLO
∑
GND
V+
VDD
OPTO
SS_SHDN
PWM
VDD-OK
VCC
NDRV
CS
Vb
4
µA
3R
R
5k
Ω
2.4V
6.6V
0.7V
125mV
0.4V
26mV/
µs
MAX5014 ONLY
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com