Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4158WCCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4158WCCPZ
Description  Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158WCCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4158WCCPZ Datasheet HTML 17Page - Analog Devices ADF4158WCCPZ Datasheet HTML 18Page - Analog Devices ADF4158WCCPZ Datasheet HTML 19Page - Analog Devices ADF4158WCCPZ Datasheet HTML 20Page - Analog Devices ADF4158WCCPZ Datasheet HTML 21Page - Analog Devices ADF4158WCCPZ Datasheet HTML 22Page - Analog Devices ADF4158WCCPZ Datasheet HTML 23Page - Analog Devices ADF4158WCCPZ Datasheet HTML 24Page - Analog Devices ADF4158WCCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
ADF4158
Rev. I | Page 21 of 35
TEST REGISTER (R4) MAP
With Register R4 DB[2:0] set to [1, 0, 0], the on-chip test
register (R4) is programmed as shown in Figure 27.
LE SEL
In some applications, it is necessary to synchronize LE with
the reference signal. To do this, DB31 should be set to 1.
Synchronization is done internally on the part.
Σ-Δ Modulator Mode
To completely disable the Σ-Δ modulator, set Bits DB[30:26] to
0b01110, which puts the ADF4158 into integer-N mode, and
the channel spacing becomes equal to the PFD frequency. Both
the 12-bit MSB fractional value (Register R0, DB[14:3]) and the
13-bit LSB fractional value (Register R1, DB[27:15]) must be set
to 0. After writing to Register 4, Register 3 must be written to twice
to trigger a counter reset. (That is, write Register 3 with DB3 = 1,
and then write Register 3 with DB3 = 0.)
All features driven by the Σ-Δ modulator are disabled, such as
ramping, PSK, FSK, and phase adjust.
Disabling the Σ-Δ modulator also removes the fixed + (fPFD/226)
offset on the VCO output.
For normal operation, set these bits to 0b00000.
Reserved Bits
All reserved bits should be set to 0 for normal operation.
Negative Bleed Current
Setting Bits DB[24:23] to 11 turns on the constant negative
bleed current. This ensures that the charge pump operates out
of the dead zone. Thus, the phase noise is not degraded and the
level of spurs is lower. Enabling constant negative bleed current
is particularly important on channels close to multiple PFD
frequencies. Refer to the AN-1154 Application Note for more
information on the negative bleed current. When using negative
bleed current, readback to MUXOUT must be disabled.
Readback to MUXOUT
DB[22:21] enable or disable the readback to MUXOUT function.
This function allows reading back the synthesizer’s frequency at
the moment of interrupt. When using readback to MUXOUT,
negative bleed current must be off.
Clock Divider (DIV) Mode
Bits DB[20:19] are used to enable ramp divider mode or fast
lock divider mode. If neither is being used, set these bits to 0b00.
12-Bit CLK2 Divider Value
Bits DB[18:7] program the clock divider (the CLK2 timer) when
the part operates in ramp mode (see the Timeout Interval section).
The CLK2 timer also determines how long the loop remains in
wideband mode when fast lock mode is used (see the Fast Lock
Mode section).
DB31
12-BIT CLK2 DIVIDER VALUE
Σ-Δ MODULATOR
MODE
RESERVED
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25
DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
LS1
S5
S4
S3
S2
S1
0
R2
R1
C2
C1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(1) C2(0) C1(0)
D12
D11
.......... D2
D1
CLOCK DIVIDER VALUE
0
0
0
0
.
.
.
1
1
1
1
0
0
0
0
.
.
.
1
1
1
1
0
0
1
1
.
.
.
0
0
1
1
0
1
0
1
.
.
.
0
1
0
1
0
1
2
3
.
.
.
4092
4093
4094
4095
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
CK2 CK1 CLOCK DIVIDER MODE
0
0
CLOCK DIVIDER OFF
0
1
FAST-LOCK DIVIDER
1
0
RESERVED
1
1
RAMP DIVIDER
0
0
0
0
CLK
DIV
MODE
READ-
BACK
TO
MUXOUT
DB24 DB23
NB2
NB1
NEG
BLEED
CURR-
ENT
R2
READBACK TO MUXOUT
0
DISABLED
1
ENABLED
R1
0
0
NB2
NEGATIVE BLEED CURRENT
0
OFF
1
ON
NB1
0
1
LS1
LE SEL
0
1
S2
S3
S4
S5
S1
Σ-Δ MODULATOR MODE
0
NORMAL OPERATION
1
0
0
0
0
1
0
1
0
DISABLED WHEN FRAC = 0
LE FROM PIN
LE SYNCH WITH REFIN
Figure 27. Test Register (R4) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com