Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC838LP6CE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC838LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC838LP6CE Datasheet(HTML) 4 Page - Analog Devices

  HMC838LP6CE Datasheet HTML 1Page - Analog Devices HMC838LP6CE Datasheet HTML 2Page - Analog Devices HMC838LP6CE Datasheet HTML 3Page - Analog Devices HMC838LP6CE Datasheet HTML 4Page - Analog Devices HMC838LP6CE Datasheet HTML 5Page - Analog Devices HMC838LP6CE Datasheet HTML 6Page - Analog Devices HMC838LP6CE Datasheet HTML 7Page - Analog Devices HMC838LP6CE Datasheet HTML 8Page - Analog Devices HMC838LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC838LP6CE
v05.0612
FRACTIONAL-N PLL WITH INTEGRATED VCO
795 - 945, 1590 - 1890, 3180 - 3780 MHz
Electrical Specifications (Continued)
Parameter
condition
Min.
typ.
Max.
Units
VCO Open Loop Phase Noise at fo
10 kHz offset
-88
dBc/Hz
100 kHz offset
-118
dBc/Hz
1 MHz offset
-143
dBc/Hz
10 MHz offset
-162
dBc/Hz
100 MHz offset
-168
dBc/Hz
VCO Open Loop Phase Noise at 2fo
10 kHz offset
-81
dBc/Hz
100 kHz offset
-112
dBc/Hz
1 MHz offset
-135
dBc/Hz
10 MHz offset
-157
dBc/Hz
100 MHz offset
-160
dBc/Hz
Closed Loop Phase Noise PLL + VCO at fvco/2
integer, 50 MHz Pd
1 kHz offset
-119
dBc/Hz
integer, 50 MHz Pd
10 kHz offset
-123
dBc/Hz
integer, 50 MHz Pd
100 kHz offset
-119
dBc/Hz
Fractional, 50 MHz Pd
1 kHz offset
-113
dBc/Hz
Fractional, 50 MHz Pd
10 kHz offset
-115
dBc/Hz
Fractional, 50 MHz Pd
100 kHz offset
-121
dBc/Hz
Closed Loop Phase Noise PLL + VCO at fvco
integer, 50 MHz Pd
1 kHz offset
-114
dBc/Hz
integer, 50 MHz Pd
10 kHz offset
-118
dBc/Hz
integer, 50 MHz Pd
100 kHz offset
-113
dBc/Hz
Fractional, 50 MHz Pd
1 kHz offset
-107
dBc/Hz
Fractional, 50 MHz Pd
10 kHz offset
-108
dBc/Hz
Fractional, 50 MHz Pd
100 kHz offset
-115
dBc/Hz
Closed Loop Phase Noise PLL + VCO at 2fo
integer, 50 MHz Pd
1 kHz offset
-108
dBc/Hz
integer, 50 MHz Pd
10 kHz offset
-112
dBc/Hz
integer, 50 MHz Pd
100 kHz offset
-107
dBc/Hz
Fractional, 50 MHz Pd
1 kHz offset
-100
dBc/Hz
Fractional, 50 MHz Pd
10 kHz offset
-102
dBc/Hz
Fractional, 50 MHz Pd
100 kHz offset
-109
dBc/Hz
Synthesizer Figure of Merit
normalized 1 Hz
integer Mode
Measured w/ 50 MHz Pd at
30 kHz offset
-229
dBc/Hz
Fractional Mode
Measured w/ 50 MHz Pd at
30 kHz offset
-227
dBc/Hz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com