Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6803 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6803
Description  One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6803 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6803 Datasheet HTML 1Page - Torex Semiconductor XC6803 Datasheet HTML 2Page - Torex Semiconductor XC6803 Datasheet HTML 3Page - Torex Semiconductor XC6803 Datasheet HTML 4Page - Torex Semiconductor XC6803 Datasheet HTML 5Page - Torex Semiconductor XC6803 Datasheet HTML 6Page - Torex Semiconductor XC6803 Datasheet HTML 7Page - Torex Semiconductor XC6803 Datasheet HTML 8Page - Torex Semiconductor XC6803 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/25
XC6803
Series
PIN CONFIGURATION
USP-6EL
(BOTTOM VIEW)
VIN 6
ISET 4
1 BAT
2 VSS
3 CSO
THIN 5
*The dissipation pad should be solder-plated in recommended mount pattern and metal masking so as to enhance
mounting strength and heat release.
When taking out a potential of the heat-sink, connect with VSS pin (#2 pin).
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTION
USP-6EL
1
BAT
Charge Current Output
2
VSS
Ground
3
CSO
Charge Status Output
4
ISET
Charge Current Setup
5
THIN
Temperature Detection
6
VIN
Power Supply Input
Back Metal
Internally Connected VSS
ABSOLUTE MAXIMUM RATINGS
Ta = 25 °C
PARAMETER
SYMBOL
RATING
UNIT
VIN Pin Voltage
VIN
-0.3 ~ +6.5
V
BAT Pin Voltage
VBAT
-0.3 ~ +6.5
V
CSO Pin Voltage
VCSO
-0.3 ~ +6.5
V
THIN Pin Voltage
VTHIN
-0.3 ~ VIN +0.3 or +6.5 (*1)
V
ISET Pin Voltage
VISET
-0.3 ~ VIN +0.3 or +6.5 (*1)
V
BAT Pin Current
IBAT
1000
mA
Power Dissipation
USP-6EL
Pd
120
mW
750 (PCB mounted)
Operating Ambient Temperature
Topr
-40 ~ +85
°C
Storage Temperature
Tstg
-55 ~ +125
°C
Each rating voltage is based on the VSS.
(*1) Either of lower one, VIN+0.3 or +6.5, is applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com