Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM53-101R6VLF Datasheet(PDF) 2 Page - TT Electronics.

Part # HM53-101R6VLF
Description  High Power Low Cost Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM53-101R6VLF Datasheet(HTML) 2 Page - TT Electronics.

  HM53-101R6VLF Datasheet HTML 1Page - TT Electronics. HM53-101R6VLF Datasheet HTML 2Page - TT Electronics. HM53-101R6VLF Datasheet HTML 3Page - TT Electronics. HM53-101R6VLF Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Power Low Cost Inductors
Model HM53
Outline Dimensions (mm)
Part
Number
Inductance(1)
Control Value
μH
±20%
Rated (2)
Inductance
μH
Typ.
Rated
Current
Adc
DCR
mΩ
Max.
Dimensions (mm)
L / W / Ht
Quantity Per Carton
(Units)
Vert. Mount
Hor. Mount
Vert.
Mount
Hor.
Mount
HM53-40111_LF V or H
152.8
106.8
10.5
29.8
54.5 / 25.4 / 54.5
54.5 / 54.5 / 25.4
45
45
HM53-507R0_LF V or H
10.0
7.0
20.9
5.6
34.0 / 21.4 / 34.0
34.0 / 34.0 / 21.4
90
75
HM53-50150_LF V or H
21.2
14.8
16.0
8.2
40.5 / 18.0 / 40.5
40.5 / 40.5 / 18.0
45
75
HM53-50370_LF V or H
52.4
36.7
12.7
15.2
47.5 / 21.3 / 47.5
47.5 / 47.5 / 21.3
45
45
HM53-50550_LF V or H
77.6
54.2
10.5
21.1
47.5 / 21.3 / 47.5
47.5 / 47.5 / 21.3
45
45
HM53-50700_LF V or H
99.4
69.5
13.0
13.6
57.0 / 27.5 / 57.0
57.0 / 57.0 / 27.5
45
45
HM53-607R0_LF V or H
9.9
6.9
29.3
4.3
50.3 / 24.0 / 50.3
50.3 / 50.3 / 24.0
45
45
HM53-60130_LF V or H
19.2
13.5
29.5
4.8
59.0 / 28.0 / 59.0
59.0 / 59.0 / 28.0
45
45
HM53-60350_LF V or H
50.2
35.1
21.0
9.2
63.0 / 36.0 / 63.0
63.0 / 63.0 / 36.0
20
20
Specification @ 25°C / Packaging (Cont’d)
Notes: (1) Inductance is measured at 100kHz, 0.1V without DC current.
(2) Value with rated DC current and the operating ETop across the inductor.
HM53 - 10 8R0 V
LF
Model Series
Body Style
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing
zeros. For values below 10μH, “R’
denotes the decimal point.
Lead-Free
Mounting Style
V = Vertical Mounting
H = Horizontal Mounting
Ordering Information
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
37
HM53-40111_LF V or H
152.8
106.8
10.5
29.8
HM53-507R0_LF V or H
10.0
7.0
20.9
5.6
HM53-50150_LF V or H
21.2
14.8
16.0
8.2
HM53-50370_LF V or H
52.4
36.7
12.7
15.2
HM53-50550_LF V or H
77.6
54.2
10.5
21.1
HM53-50700_LF V or H
99.4
69.5
13.0
13.6
HM53-607R0_LF V or H
9.9
6.9
29.3
4.3
HM53-60130_LF V or H
19.2
13.5
29.5
4.8
HM53-60350_LF V or H
50.2
35.1
21.0
9.2
Outline Dimensions (mm)
Figure 1 Vertical Mount
Figure 2 Horizontal Mount
Specification @ 25°C / Packaging (Cont’d)
Notes: (1) Inductance is measured at 100kHz, 0.1V without DC current.
(2) Value with rated DC current and the operating ETop across the inductor.
54.5 / 54.5 / 25.4
34.0 / 34.0 / 21.4
40.5 / 40.5 / 18.0
47.5 / 47.5 / 21.3
47.5 / 47.5 / 21.3
57.0 / 57.0 / 27.5
50.3 / 50.3 / 24.0
59.0 / 59.0 / 28.0
63.0 / 63.0 / 36.0
54.5 / 25.4 / 54.5
34.0 / 21.4 / 34.0
40.5 / 18.0 / 40.5
47.5 / 21.3 / 47.5
47.5 / 21.3 / 47.5
57.0 / 27.5 / 57.0
50.3 / 24.0 / 50.3
59.0 / 28.0 / 59.0
63.0 / 36.0 / 63.0
Ordering Information
Refer to Specifications table for ‘L’, ‘W’ & ‘Ht’ dimensions of each model.
Body Style
Model Series
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing
zeros. For values below 10µH, “R’
denotes the decimal point.
HM53 - 10
8R0 V LF
Mounting Style
V = Vertical Mounting
H = Horizontal Mounting
Lead-Free
45
90
45
45
45
45
45
45
20
45
75
75
45
45
45
45
45
20
Inductance(1) Rated (2)
Quantity Per Carton
Control Value Inductance Rated
DCR
Dimensions (mm)
(Units)
Part
µH
µH
Current
mW
L / W / Ht
Number
±20%
Typ.
Adc
Max.
Vert. Mount
Hor. Mount
Mount
Mount
Vert.
Hor.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com