Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9936P Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 25Page - STMicroelectronics STV9936P Datasheet HTML 26Page - STMicroelectronics STV9936P Datasheet HTML 27Page - STMicroelectronics STV9936P Datasheet HTML 28Page - STMicroelectronics STV9936P Datasheet HTML 29Page - STMicroelectronics STV9936P Datasheet HTML 30Page - STMicroelectronics STV9936P Datasheet HTML 31Page - STMicroelectronics STV9936P Datasheet HTML 32Page - STMicroelectronics STV9936P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
29/48
STV9936P/S
RAM Specification
The user must reserve a memory space for the largest window. According to the example shown in
Figure 5, the total number of characters/spaces are:
For example, to change the size of Window 3 from 3 rows of 6 characters to 5 rows of 4 characters,
the resulting size is 20 characters. The number of rows increases and the number of characters per
row decreases. The required memory is at least 20 characters.
Note:
A space is considered as being a character.
The memory allocation is made by blocks of 32 characters.
The maximum size of a window is 16 rows of 32 characters, or 512 characters. This corresponds to
16 blocks of 32 characters.
1 block is reserved for the color-boxes (see Chapter 4: Character Specifications on page 19),
leaving 22 blocks of 32 characters for character codes (704 characters maximum).
The RAM allocation for each window is coded in bits ALWi[3:0]. Window 4 memory allocation uses
the remaining memory space.
The number of memory blocks allocated for window “i” is (ALWi +1), the range of allocation is 1 to 16
blocks of 32 characters. The total number of blocks is 22.
Note:
If the user changes only 1 window allocation, the RAM addresses of the following windows change.
Consequently we advise you to write the allocation when the windows are not displayed to avoid
false images.
Table 30: Window Sizes
Window
Size
Window 1
28
Window 2
20
Window 3
18
Window 4
16
Total
82
Table 31: Window RAM Allocation
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
09h
39h
ALW2[3:0]
ALW1[3:0]
80h
0Ah
3h
ALW3[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com