Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSH350 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH350
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH350 Datasheet HTML 3Page - STMicroelectronics TSH350 Datasheet HTML 4Page - STMicroelectronics TSH350 Datasheet HTML 5Page - STMicroelectronics TSH350 Datasheet HTML 6Page - STMicroelectronics TSH350 Datasheet HTML 7Page - STMicroelectronics TSH350 Datasheet HTML 8Page - STMicroelectronics TSH350 Datasheet HTML 9Page - STMicroelectronics TSH350 Datasheet HTML 10Page - STMicroelectronics TSH350 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Electrical Characteristics
TSH350
7/21
Figure 13: Quiescent current vs. Vcc
Figure 14: Distortion vs. output amplitude
Figure 15: Distortion vs. output amplitude
1,25
1,50
1,75
2,00
2,25
2,50
-5
-4
-3
-2
-1
0
1
2
3
4
5
Gain=+2
Vcc=5V
Input to ground, no load
Icc(+)
Icc(-)
+/-Vcc (V)
012
34
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
HD3
HD2
Gain=+2
Vcc=5V
F=10MHz
Load=100
Ω
Output Amplitude (Vp-p)
012
34
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
HD3
HD2
Gain=+2
Vcc=5V
F=20MHz
Load=100
Ω
Output Amplitude (Vp-p)
Figure 16: Distortion vs. output amplitude
Figure 17: Noise figure
Figure 18: Output amplitude vs. frequency
01234
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
HD3
HD2
Gain=+2
Vcc=5V
F=30MHz
Load=100
Ω
Output Amplitude (Vp-p)
1
10
100
1k
10k
100k
0
5
10
15
20
25
30
35
40
Gain=?
Vcc=5V
Rsource (ohms)
1M
10M
100M
1G
0
1
2
3
4
5
Gain=+2
Vcc=5V
Load=100
Ω
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com