Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL066 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL066
Description  Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL066 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC12DL066 Datasheet HTML 9Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 10Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 11Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 12Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 13Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 14Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 15Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 16Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Typical Performance Characteristics V
A =VD = +3.3V, VDR = +2.5V, fCLK = 66 MHz, fIN =10MHz
unless otherwise stated (Continued)
SNR, SINAD, SFDR vs. V
REF
SNR, SINAD, SFDR vs. V
CM
20055231
20055232
SNR, SINAD, SFDR vs. V
DR
SNR, SINAD, SFDR vs. Temperature
20055233
20055234
Distortion vs. F
CLK
Distortion vs. Clock Duty Cycle
20055236
20055237
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com