Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CB150EC Datasheet(PDF) 17 Page - SPANSION

Part # AM29SL400CB150EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB150EC Datasheet(HTML) 17 Page - SPANSION

Back Button AM29SL400CB150EC Datasheet HTML 13Page - SPANSION AM29SL400CB150EC Datasheet HTML 14Page - SPANSION AM29SL400CB150EC Datasheet HTML 15Page - SPANSION AM29SL400CB150EC Datasheet HTML 16Page - SPANSION AM29SL400CB150EC Datasheet HTML 17Page - SPANSION AM29SL400CB150EC Datasheet HTML 18Page - SPANSION AM29SL400CB150EC Datasheet HTML 19Page - SPANSION AM29SL400CB150EC Datasheet HTML 20Page - SPANSION AM29SL400CB150EC Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
March 3, 2005
15
Ad vance
Inform ati o n
vice ignores reset commands until the operation is
complete.
The reset command may be written between the se-
quence cycles in a program command sequence be-
fore programming begins. This resets the device to
reading array data (also applies to programming in
Erase Suspend mode). Once programming begins,
however, the device ignores reset commands until
the operation is complete.
The reset command may be written between the se-
quence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command
must be written to return to reading array data (also
applies to autoselect during Erase Suspend).
If DQ5 goes high during a program or erase opera-
tion, writing the reset command returns the device
to reading array data (also applies during Erase Sus-
pend).
Autoselect Command Sequence
The autoselect command sequence allows the host
system to access the manufacturer and devices
codes, and determine whether or not a sector is pro-
tected. Table 5 on page 18 shows the address and
data requirements. This method is an alternative to
that shown in Table 4 on page 12, which is intended
for PROM programmers and requires VID on address
bit A9.
The autoselect command sequence is initiated by
writing two unlock cycles, followed by the autoselect
command. The device then enters the autoselect
mode, and the system may read at any address any
number of times, without initiating another com-
mand sequence. A read cycle at address XX00h re-
trieves the manufacturer code. A read cycle at
address 01h in word mode (or 02h in byte mode) re-
turns the device code. A read cycle containing a sec-
tor address (SA) and the address 02h in word mode
(or 04h in byte mode) returns 01h if that sector is
protected, or 00h if it is unprotected. Refer to Table 2
on page 11 and Table 3 on page 11 for valid sector
addresses.
The system must write the reset command to exit
the autoselect mode and return to reading array
data.
Word/Byte Program Command Sequence
The system may program the device by word or
byte, depending on the state of the BYTE# pin. Pro-
gramming is a four-bus-cycle operation. The pro-
gram command sequence is initiated by writing two
unlock write cycles, followed by the program set-up
command. The program address and data are writ-
ten next, which in turn initiate the Embedded Pro-
gram algorithm. The system is not required to
provide further controls or timings. The device auto-
matically generates the program pulses and verifies
the programmed cell margin. Table 5 on page 18
shows the address and data requirements for the
byte program command sequence.
When the Embedded Program algorithm is complete,
the device then returns to reading array data and
addresses are no longer latched. The system can de-
termine the status of the program operation by using
DQ7, DQ6, or RY/BY#. See Write Operation Status‚
on page 18 for information on these status bits.
Any commands written to the device during the Em-
bedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the pro-
gramming operation. The Byte Program command
sequence should be reinitiated once the device has
reset to reading array data, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from a 0 back to a 1. Attempting to do so may halt
the operation and set DQ5 to 1, or cause the Data#
Polling algorithm to indicate the operation was suc-
cessful. However, a succeeding read will show that
the data is still 0. Only erase operations can convert
a 0 to a 1.
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram bytes or words to the device faster than using
the standard program command sequence. The un-
lock bypass command sequence is initiated by first
writing two unlock cycles. This is followed by a third
write cycle containing the unlock bypass command,
20h. The device then enters the unlock bypass
mode. A two-cycle unlock bypass program command
sequence is all that is required to program in this
mode. The first cycle in this sequence contains the
unlock bypass program command, A0h; the second
cycle contains the program address and data. Addi-
tional data is programmed in the same manner. This
mode dispenses with the initial two unlock cycles re-
quired in the standard program command sequence,
resulting in faster total programming time. Table 5
on page 18 shows the requirements for the com-
mand sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the sys-
tem must issue the two-cycle unlock bypass reset
command sequence. The first cycle must contain the
data 90h; the second cycle the data 00h. Addresses
are don’t cares. The device then returns to reading
array data.
Figure 3‚ on page 16 illustrates the algorithm for the
program operation. See Erase/Program Operations‚
on page 30 for parameters, and Figure 17‚ on
page 31 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com