Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CT110WAC Datasheet(PDF) 12 Page - SPANSION

Part # AM29SL400CT110WAC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CT110WAC Datasheet(HTML) 12 Page - SPANSION

Back Button AM29SL400CT110WAC Datasheet HTML 8Page - SPANSION AM29SL400CT110WAC Datasheet HTML 9Page - SPANSION AM29SL400CT110WAC Datasheet HTML 10Page - SPANSION AM29SL400CT110WAC Datasheet HTML 11Page - SPANSION AM29SL400CT110WAC Datasheet HTML 12Page - SPANSION AM29SL400CT110WAC Datasheet HTML 13Page - SPANSION AM29SL400CT110WAC Datasheet HTML 14Page - SPANSION AM29SL400CT110WAC Datasheet HTML 15Page - SPANSION AM29SL400CT110WAC Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
10
March 3, 2005
Ad vance
Inform ati o n
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes or
words. Refer to Word/Byte Configuration‚ on page 9
for more information.
The device features an Unlock Bypass mode to fa-
cilitate faster programming. Once the device enters
the Unlock Bypass mode, only two write cycles are
required to program a word or byte, instead of four.
The Word/Byte Program Command Sequence‚ on
page 15 has details on programming data to the de-
vice using both standard and Unlock Bypass com-
mand sequences.
An erase operation can erase one sector, multiple
sectors, or the entire device. Table 2 on page 11 and
Table 3 on page 11 indicate the address space that
each sector occupies. A sector address consists of
the address bits required to uniquely select a sector.
Command Definitions‚ on page 18 has details on
erasing a sector or the entire chip, or suspending/re-
suming the erase operation.
After the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the in-
ternal register (which is separate from the memory
array) on DQ7–DQ0. Standard read cycle timings
apply in this mode. Refer to Autoselect Mode‚ on
page 11 and Autoselect Command Sequence‚ on
page 15 for more information.
ICC2 in the DC Characteristics table represents the
active current specification for the write mode. The
AC Characteristics‚ on page 28 contains timing
specification tables and timing diagrams for write op-
erations.
Program and Erase Operation Status
During an erase or program operation, the system
may check the status of the operation by reading the
status bits on DQ7–DQ0. Standard read cycle tim-
ings and ICC read specifications apply. Refer to Write
Operation Status‚ on page 18 for more information,
and to AC Characteristics‚ on page 28 for timing dia-
grams.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at VCC ± 0.2 V.
(Note that this is a more restricted voltage range
than VIH.) If CE# and RESET# are held at VIH, but
not within VCC ± 0.2 V, the device will be in the
standby mode, but the standby current will be
greater. The device requires standard access time
(tCE) for read access when the device is in either of
these standby modes, before it is ready to read data.
The device also enters the standby mode when the
RESET# pin is driven low. Refer to the next section,
RESET#: Hardware Reset Pin.
If the device is deselected during erasure or pro-
gramming, the device draws active current until the
operation is completed.
ICC3 in DC Characteristics‚ on page 24 represents
the standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device
energy consumption. The device automatically en-
ables this mode when addresses remain stable for
tACC + 50 ns. The automatic sleep mode is indepen-
dent of the CE#, WE#, and OE# control signals.
Standard address access timings provide new data
when addresses are changed. While in sleep mode,
output data is latched and always available to the
system. ICC4 in the DC Characteristics table repre-
sents the automatic sleep mode current specifica-
tion.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of re-
setting the device to reading array data. When the
RESET# pin is driven low for at least a period of tRP,
the device immediately terminates any operation
in progress, tristates all output pins, and ignores all
read/write commands for the duration of the RE-
SET# pulse. The device also resets the internal state
machine to reading array data. The operation that
was interrupted should be reinitiated once the device
is ready to accept another command sequence, to
ensure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VSS±0.2 V, the device
draws CMOS standby current (ICC4). If RESET# is
held at VIL but not within VSS±0.2 V, the standby
current is greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the
Flash memory, enabling the system to read the
boot-up firmware from the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a 0 (busy) until the
internal reset operation is complete, which requires a
time of tREADY (during Embedded Algorithms). The
system can thus monitor RY/BY# to determine
whether the reset operation is complete. If RESET#
is asserted when a program or erase operation is not
executing (RY/BY# pin is 1), the reset operation is
completed within a time of tREADY (not during Em-
bedded Algorithms). The system can read data tRH
after the RESET# pin returns to VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com