Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHCT240AMTC Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74VHCT240AMTC
Description  Octal Buffer/Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHCT240AMTC Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74VHCT240AMTC Datasheet HTML 2Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 3Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 4Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 5Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 6Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 7Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 8Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 9Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT240A Rev. 1.3
5
AC Electrical Characteristics
Notes:
7. Parameter guaranteed by design. tOSLH = |tPLH max – tPLH min|; tOSHL = |tPHL max – tPHL min|
8. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (Opr.) = CPD • VCC • fIN + ICC / 8 (per F/F). The total CPD when n pcs. of the Octal D Flip-Flop operates
can be calculated by the equation: CPD (total) = 20 + 12n
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ. Max. Min. Max.
tPLH, tPHL
Propagation Delay
Time
5.0 ± 0.5
CL = 15pF
5.6
7.8
1.0
9.0
ns
CL = 50pF
6.1
8.8
1.0
10.0
tPZL, tPZH
3-STATE Output
Enable Time
5.0 ± 0.5 RL = 1kΩ CL = 15pF
6.5
10.4
1.0
12.5
ns
CL = 50pF
7.3
11.4
1.0
13.5
tPLZ, tPHZ
3-STATE Output
Disable Time
5.0 ± 0.5 RL = 1kΩ CL = 50pF
7.0
11.4
1.0
13.0
ns
tOSLH, tOSHL Output to Output
Skew
5.0 ± 0.5 (7)
1.0
1.0
ns
CIN
Input Capacitance
VCC = Open
4
10
10
pF
COUT
Output Capacitance
VCC = 5.0V
9
pF
CPD
Power Dissipation
Capacitance
(8)
19
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com