Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V680-HS52-R-12.5M Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # V680-HS52-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-12.5M Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button V680-HS52-R-12.5M Datasheet HTML 11Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 12Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 13Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 14Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 15Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 16Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 17Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 18Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
15
V680 Series
Handheld Reader Writers
Note: Refer to the User’s Manual (Cat. No. Z272) for details.
Contact your OMRON sales representative for details on drivers for Windows.
* This does not include the connector section. The main unit is not resistant to chemical or oils.
AC Adapter (for V680-CH1D)
Item
Model
V680-CHUD 0.8M
V680-CHUD 1.9M
V680-CH1D
V680-CH1D-PSI
Power supply voltage
5 VDC ± 5% (at the connector section of the product)
Current consumption
500 mA max. (for a power supply voltage of 5.0 V)
Communications
specifications
USB (Series A plug) Ver.1.1
RS-232C (D-SUB 9-pin)
compatible with IBM PC/
AT)
RS-232C (D-SUB 9-pin)
Ambient operating
temperature during
communication
0 to +40°C
Ambient storage
temperature
−25 to +65°C
Ambient operating
humidity during
communication
35% to 85% (with no condensation)
Insulation resistance
50 M
Ω min. (at 500 VDC) between connector and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min (leakage current: 1 mA max.) between connectors and case
Degree of protection
IEC 60529: IP63
*
Vibration resistance
Destruction: 10 to 150 Hz variable vibration, 0.2-mm double amplitude and 15 m/s2 acceleration with 10 sweeps for
8 min each in 6 directions
Shock resistance
Destruction: 150 m/s2, 3 times each in X, Y, and Z directions
Weight
Approx. 110 g
(including connector and
cable)
Approx. 140 g
(including connector and
cable)
Approx. 170 g
(including connector and
cable)
Approx. 120 g
(including connector and
cable)
Cable length
0.8 m
1.9 m
2.5 m
0.8 m
Item
Model
V600-A22
Input voltage
100 to 120 VAC at 50/60 Hz
Input current
AC: 300 mA (at load current of 2.0 A)
Output voltage
DC5V ± 0.25V
Ambient operating
temperature
0 to +40°C
Ambient storage
temperature
−20 to +85°C (with no icing)
Ambient operating
humidity
5% to 95% (with no condensation)
Insulation resistance
100 M
Ω min. (at 500 VDC) between input terminals and output terminals
Dielectric strength
2,000 V for 1 minute between input terminals and output terminals with a current leakage of 10 mA max.
Weight
Approx. 70 g
Applicable standards
UL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com