Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC128G Datasheet(PDF) 36 Page - ACE Technology Co., LTD.

Part # ACE25QC128G
Description  128M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC128G Datasheet(HTML) 36 Page - ACE Technology Co., LTD.

Back Button ACE25QC128G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 40Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
ACE25QC128G
128M BIT SPI NOR FLASH
VER 1.1
36
Program Security Registers (42H)
See Figure 28, the Program Security Registers instruction is similar to the Page Program instruction. It
allows from 1 to 256 bytes Security Registers data to be programmed. A Write Enable instruction must
previously have been executed to set the Write Enable Latch bit before sending the Program Security
Registers instruction. The Program Security Registers instruction is entered by driving /CS Low, followed
by the instruction code (42H), 3-byte address and at least one data byte on SI. As soon as /CS is driven
high, the self-timed Program Security Registers cycle (whose duration is tPP) is initiated. While the
Program Security Registers cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Program Security
Registers cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the
Write Enable Latch bit is reset.
If the Security Registers Lock Bit (LB3/LB2/LB1) is set to 1, the Security Registers will be permanently
locked. Program Security Registers instruction will be ignored.
Address
A23-A16
A15-A12
A11-A8
A7-A0
Security Registers 1
00H
0001
0000
Byte Address
Security Registers 2
00H
0010
0000
Byte Address
Security Registers 3
00H
0011
0000
Byte Address
Figure 28. Program Security Registers instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com