Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8303CBSC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8303CBSC
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303CBSC Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8303CBSC Datasheet HTML 1Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 2Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 3Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 4Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 5Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 6Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 7Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 8Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PAM8303C
Document number: DS36438 Rev.2 - 2
1 of 16
www.diodes.com
May 2018
© Diodes Incorporated
PAM8303C
ULTRA LOW EMI, 3W FILTERLESS
MONO CLASS-D AUDIO POWER AMPLIFIER
Description
The PAM8303C is a 3W mono, filterless Class-D amplifier with high
PSRR and differential input that eliminate noise and RF rectification.
Features like 90% efficiency and small PCB area make the
PAM8303C Class-D amplifier ideal for cellular handsets. The filterless
architecture requires
no external
output
filter,
fewer external
components, less PCB area, and lower system costs. The filterless
architecture also simplifies application design. The PAM8303C
features
short-circuit
protection
and
thermal
shutdown.
The
PAM8303C is available in MSOP-8 and DFN 3030 8-pin packages.
Features
Ultra-Low EMI, -20dB Better than FCC Class-B @ 300MHz
High Efficiency up to 90% @1W with an 8Ω Speaker
Shutdown Current <1µA
3W@10% THD Output with a 4Ω Load at 5V Supply
Demanding Few External Components
Superior Low Noise Without Input
Supply Voltage from 2.8V to 5.5V
Short-Circuit Protection
Thermal Shutdown
MSOP-8 and DFN 3030 8-pin Packages Totally Lead-
Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free “Green” Device (Note 3)
Applications
Cellular Phones/Smart Phones
MP4/MP3
GPS
Digital Photo Frame
Electronic Dictionary
Portable Game Machines
Pin Assignments
9 Ball WCSP (A) (EOL)
Top View
DFN3030 (B)
Top View
DFN3030 (C)
Top View
MSOP-8(B)
Top View
Notes:
1.
No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3).compliant.
2.
See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-
free, "Green" and Lead-free.
3.
Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds.


Similar Part No. - PAM8303CBSC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8303CBSC DIODES-PAM8303CBSC Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
More results

Similar Description - PAM8303CBSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
List of Unclassifed Man...
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com