Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8N65 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 8N65
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

8N65 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  8N65 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 8N65 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 8N65 Datasheet HTML 3Page - SUNMATE electronic Co., LTD 8N65 Datasheet HTML 4Page - SUNMATE electronic Co., LTD 8N65 Datasheet HTML 5Page - SUNMATE electronic Co., LTD 8N65 Datasheet HTML 6Page - SUNMATE electronic Co., LTD 8N65 Datasheet HTML 7Page - SUNMATE electronic Co., LTD 8N65 Datasheet HTML 8Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220/ITO-220
TO-262/TO-263
θJA
62.5
°C/W
Junction to Case
TO-220/TO-262/TO-263
θJC
0.85
°C/W
ITO-220
2.6
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
MIN
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
GS
V =0V, ID=250μA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
10
μA
Gate- Source Leakage Current
Forward
IGSS
VG=30V, VDS=0V
100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ ID=250μA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
DS
V =VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
1.2 1.4
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0 MHz
1145 1255 pF
Output Capacitance
COSS
pF
118 135
Reverse Transfer Capacitance
CRSS
19
25
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
84 100 ns
Turn-On Rise Time
tR
ns
100 130
Turn-Off Delay Time
tD(OFF)
275 320 ns
Turn-Off Fall Time
tF
64.5 140
ns
Total Gate Charge
QG
115 130 nC
Gate-Source Charge
QGS
nC
12
Gate-Drain Charge
QGD
40
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
8
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
32
A
Reverse Recovery Time
trr
VGS=0V, IS=8A,
dIF/dt =100 A/μs (Note 1)
365
ns
Reverse Recovery Charge
QRR
μC
3.4
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.
VDD =520V, ID =8A,
RG =25Ω (Note 1, 2)
VDS=480V, ID=8A,
VGS=10V (Note 1, 2)
GS
V = 10V, ID = 4A
GS
V = 0V, IS = 8A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com