Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8N65T Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 8N65T
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

8N65T Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  8N65T Datasheet HTML 1Page - SUNMATE electronic Co., LTD 8N65T Datasheet HTML 2Page - SUNMATE electronic Co., LTD 8N65T Datasheet HTML 3Page - SUNMATE electronic Co., LTD 8N65T Datasheet HTML 4Page - SUNMATE electronic Co., LTD 8N65T Datasheet HTML 5Page - SUNMATE electronic Co., LTD 8N65T Datasheet HTML 6Page - SUNMATE electronic Co., LTD 8N65T Datasheet HTML 7Page - SUNMATE electronic Co., LTD 8N65T Datasheet HTML 8Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1. Gate
2. Drain
3. Source
Pin Definition:
●
●
●
● RDS(ON)<1.4Ω @ VGS=10V
Fast switching capability
Low gate charge
Lead free in compliance with EU RoHS directive.
Green molding compound
Block Diagram
Ordering Information
● Case: TO-220,ITO-220,TO-262,TO-263 Package
D
G
S
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
8
A
Continuous Drain Current
ID
8
A
Pulsed Drain Current (Note 2)
IDM
32
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
230
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
ns
Power Dissipation
TO-220/TO-262/TO-263
PD
142
W
ITO-220
48
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
●
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 7.1mH, IAS = 8A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 7.5A, di/dt ≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
Part No.
Package
Packing
TO-220
50pcs / Tube
ITO-220
50pcs / Tube
TO-262
50pcs / Tube
50pcs / Tube
TO-263
8N65 Series
N-CHANNEL POWER MOSFET
Features
Mechanical Data
8N65T
8N65F
8N65G
8N65K
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - 8N65T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N65 UTC-8N65 Datasheet
225Kb / 8P
8A, 650V N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
8N65 ZSELEC-8N65 Datasheet
473Kb / 7P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
8N65 ISC-8N65 Datasheet
96Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - 8N65T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com