Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L2SC5658RM3T5G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SC5658RM3T5G
Description  NPN Silicon General Purpose Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC5658RM3T5G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SC5658RM3T5G Datasheet HTML 1Page - Leshan Radio Company L2SC5658RM3T5G Datasheet HTML 2Page - Leshan Radio Company L2SC5658RM3T5G Datasheet HTML 3Page - Leshan Radio Company L2SC5658RM3T5G Datasheet HTML 4Page - Leshan Radio Company L2SC5658RM3T5G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage (IC = 50 mAdc, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
50
−
−
Vdc
Emitter-Base Breakdown Voltage (IE = 50 mAdc, IE = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0)
ICBO
−
−
0.5
mA
Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0)
IEBO
−
−
0.5
mA
Collector-Emitter Saturation Voltage (Note 2)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
−
−
0.4
Vdc
DC Current Gain (Note 2)
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
L2SC5658
QM3T5G
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
L2SC5658RM3T5G
hFE
120
180
−
−
270
3
90
−
Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz)
fT
−
180
−
MHz
Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1.0 MHz)
COB
−
2.0
−
pF
2. Pulse Test: Pulse Width ≤ 300 ms, D.C. ≤ 2%.
L2SC5658QM3T5G,L2SC5658RM3T5G
Rev.O 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com