Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC4069LP4E Datasheet(PDF) 4 Page - Analog Devices

Part # HMC4069LP4E
Description  2.9 GHz INTEGER-N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC4069LP4E Datasheet(HTML) 4 Page - Analog Devices

  HMC4069LP4E Datasheet HTML 1Page - Analog Devices HMC4069LP4E Datasheet HTML 2Page - Analog Devices HMC4069LP4E Datasheet HTML 3Page - Analog Devices HMC4069LP4E Datasheet HTML 4Page - Analog Devices HMC4069LP4E Datasheet HTML 5Page - Analog Devices HMC4069LP4E Datasheet HTML 6Page - Analog Devices HMC4069LP4E Datasheet HTML 7Page - Analog Devices HMC4069LP4E Datasheet HTML 8Page - Analog Devices HMC4069LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
HMC4069LP4E
v02.0316
2.9 GHz INTEGER-N SYNTHESIZER
(N = 2 - 32)
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
-160
-155
-150
-145
-140
-135
-130
-125
-120
10
2
10
3
10
4
10
5
-10dBm
-5dBm
0dBm
5dBm
OFFSET FREQUENCY (Hz)
Phase Noise Floor, Vcc = 4.75V
REF = 1000MHz Sine Wave
-160
-155
-150
-145
-140
-135
-130
-125
-120
10
2
10
3
10
4
10
5
-10dBm
-5dBm
0dBm
5dBm
OFFSET FREQUENCY (Hz)
Phase Noise Floor, Vcc = 4.75V
REF = 10MHz Square Wave
Phase Noise Floor, Vcc = 5.00V
REF = 1000MHz Sine Wave
Phase Noise Floor, Vcc = 5.00V
REF = 10MHz Square Wave
-160
-155
-150
-145
-140
-135
-130
-125
-120
10
2
10
3
10
4
10
5
-10dBm
-5dBm
0dBm
5dBm
OFFSET FREQUENCY (Hz)
-160
-155
-150
-145
-140
-135
-130
-125
-120
10
2
10
3
10
4
10
5
-10dBm
-5dBm
0dBm
5dBm
OFFSET FREQUENCY (Hz)
Phase Noise Floor, Vcc = 5.25V
REF = 1000MHz Sine Wave
Phase Noise Floor, Vcc = 5.25V
REF = 10MHz Square Wave
-160
-155
-150
-145
-140
-135
-130
-125
-120
10
2
10
3
10
4
10
5
-10dBm
-5dBm
0dBm
5dBm
OFFSET FREQUENCY (Hz)
-160
-155
-150
-145
-140
-135
-130
-125
-120
10
2
10
3
10
4
10
5
-10dBm
-5dBm
0dBm
5dBm
OFFSET FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com