Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3118GSTR-G1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3118GSTR-G1
Description  HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3118GSTR-G1 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3118GSTR-G1 Datasheet HTML 1Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 2Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP3118GSTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP3118
Document number: DS39915 Rev. 5 - 2
2 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AP3118
Typical Applications Circuit
AC
R11
R4
R8
C6
C8
T 1
U2
D5
F1
C5
GND
GATE
FB
SENSE
VCC-IN
AP3118
U1
Q1
NTC1
R10
D7
R9
R6
R7
DEM
D1
D4
C2
L1
9
6
8
2
5
R24
3
D6
C1
D2
D3
C7
HV
VCC
CTRL
RT
1
4
7
CX
D8
D9
R25
C3
R12
C10
R19
9
CY1
C11
Vo
CC1
GND
USB1
R18
R15
C 4
Q2
D11
R28
R17
R16
USB PD
Controller
VCC
GATE
CATH
CC1
VFB
VDD
VSS
IS+
IS-
IFB
VBUS
D12
R20
R22
R21
R23
R 26
R27
Z1
C12
C13
C14
C15
C16
C17
C18
C22
C21
U3
C
R14
C19
C20
R13
D11
D10
Pin Descriptions
Pin Name
Function
1
CTRL
Programmable External Protection
2
FB
Feedback. Directly Connected to the Opto-coupler
3
DEM
Sample VOUT to Realize SOVP and SUVP Protection
4
VCC_IN
Wide Range Input Supply Voltage to Produce VCC
5
GND
Signal Ground
6
GATE
Gate Driver Output
7
VCC
Supply Voltage of Driver and Control Circuits
8
SENSE
Sense the Primary Current
9
HV
High Voltage Input. Sense Line Voltage and Provide Startup Current to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com