Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXTR2012Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTR2012Z
Description  REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012Z Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTR2012Z Datasheet HTML 1Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 2Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 3Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 4Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 5Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 6Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTR2012Z
Document number: DS36330 Rev. 2 - 2
4 of 7
www.diodes.com
April 2017
© Diodes Incorporated
ZXTR2012Z
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage (Note 12)
VOUT
10.8
12
13.2
V
VIN = 48V, IOUT = 15mA
Line Regulation (Notes 12 & 13)
∆VOUT
240
750
mV
VIN = 15 to 72V , IOUT = 15mA
Temperature Coefficient
∆VOUT/∆T
8.0
mV/°C
TJ = -40°C to +125°C
VIN = 48V, IOUT = 15mA
Load Regulation (Notes 12 & 14)
∆VOUT
-450
-600
-600
-750
mV
IOUT = 0.1 to 30mA, VIN = 48V
IOUT = 0.1 to 100mA, VIN = 48V
Minimum Value of Input Voltage Required
to Maintain Line Regulation
VIN(MIN)
15
V
Quiescent Current
IQ
240
590
400
900
µA
VIN = 48V, IOUT = 10µA
VIN = 100V, IOUT = 10µA
Power Supply Rejection Ratio
∆VIN/∆VOUT
45
dB
COUT = 100nF, IOUT = 15mA,
VOUT = 12V, VIN =15 to 100V, f=100Hz
Notes:
12.
Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%
13. Line regulation
∆VOUT = VOUT(@ VIN = 72V) – VOUT(@ VIN = 15V)
14. Load regulation
∆VOUT = VOUT(@ IOUT = 30mA) – VOUT(@ IOUT = 0.1mA)
∆VOUT = VOUT(@ IOUT = 100mA) – VOUT(@ IOUT = 0.1mA)
Typical Application Circuit
Pin Functions
Pin Name
Pin Function
Notes
VIN
Input Supply
Input voltage can vary from -0.3V to 100V with respect to GND; for VOUT regulated then 15V ≤ VIN ≤ 100V.
It is recommended to connect a 1µF capacitor to GND.
GND
Power Ground
This pin should be tied to the system ground.
VOUT
Voltage Output
Outputs a regulated 12V when 15V ≤ VIN ≤ 100V. When VIN < 15V, then VOUT maximum = VIN – 1.5V.
The pin can be pulled high to a maximum of +18V with respect to GND, or +12V with respect to VIN,
whichever is lower. It is recommended to connect a 10µF capacitor to GND and a minimum of 10µA to be
drawn from VOUT to maintain regulation.
150k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com