Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTH40N50L2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTH40N50L2
Description  N-Channel Enhancement Mode Avalanche rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH40N50L2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTH40N50L2 Datasheet HTML 1Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 2Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 3Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 4Page - IXYS Corporation IXTH40N50L2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2017 IXYS CORPORATION, All rights reserved
IXTT40N50L2
IXTQ40N50L2
IXTH40N50L2
IXYS REF: T_40N50L2(8R)6-16-17-B
TO-3P Outline
b
S
A
E
D1
b4
A1
L1
E1
+
c
D
0P
b2
A2
0P1
1
2
3
4
+
e
+
PINS: 1 - Gate
2, 4 - Drain
3 - Source
TO-247 Outline
R
L1
A2
Q
E
A
D
c
B
A
b
C
L
D
S
D2
E1
A2
A2
A2
e
0P1
ixys option
A1
b4
b2
D1
0P O 0K M D B M
+
O J M C A M
+
1
2
3
4
+
+
PINS: 1 - Gate
2, 4 - Drain
3 - Source
Terminals: 1 - Gate
2,4 - Drain
3 - Source
TO-268 Outline
Fig. 13. Forward-Bias Safe Operating Area
@ TC = 25
oC
0.1
1
10
100
10
100
1000
VDS - Volts
TJ = 150
oC
TC = 25
oC
Single Pulse
1ms
100μs
RDS(on) Limit
10ms
DC
100ms
25μs
Fig. 14. Forward-Bias Safe Operating Area
@ TC = 75
oC
0.1
1
10
100
10
100
1000
VDS - Volts
TJ = 150
oC
TC = 75
oC
Single Pulse
1ms
100μs
RDS(on) Limit
10ms
DC
100ms
25μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com