| Electronic Components Datasheet Search |
|
XAM6546ACDXEAF Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6546ACDXEAF Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 299 page ![]() 61 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-7. CPSW2G0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_CPTS0_TS_COMP CPTS Time Stamp Counter Compare O AB4 MCU_CPTS0_TS_SYNC CPTS Time Stamp Counter Bit O AC5 MCU_CPTS0_HW1TSPUSH CPTS Hardware Time Stamp Push 1 I AC2 MCU_CPTS0_HW2TSPUSH CPTS Hardware Time Stamp Push 2 I AC1 MCU_MDIO0_MDC MDIO Clock O L1 MCU_MDIO0_MDIO MDIO Data IO L4 MCU_RGMII1_RXC RGMII Receive Clock I M1 MCU_RGMII1_RX_CTL RGMII Receive Control I N5 MCU_RGMII1_TXC RGMII Transmit Clock IO N1 MCU_RGMII1_TX_CTL RGMII Transmit Control O N4 MCU_RGMII1_RD0 RGMII Receive Data 0 I L6 MCU_RGMII1_RD1 RGMII Receive Data 1 I M6 MCU_RGMII1_RD2 RGMII Receive Data 2 I L5 MCU_RGMII1_RD3 RGMII Receive Data 3 I L2 MCU_RGMII1_TD0 RGMII Transmit Data 0 O M5 MCU_RGMII1_TD1 RGMII Transmit Data 1 O M4 MCU_RGMII1_TD2 RGMII Transmit Data 2 O M3 MCU_RGMII1_TD3 RGMII Transmit Data 3 O M2 MCU_RMII1_CRS_DV RMII Carrier Sense / Data Valid I N4 MCU_RMII1_REF_CLK RMII Reference Clock I M1 MCU_RMII1_RX_ER RMII Receive Data Error I N5 MCU_RMII1_TX_EN RMII Transmit Enable O N1 MCU_RMII1_RXD0 RMII Receive Data 0 I L6 MCU_RMII1_RXD1 RMII Receive Data 1 I M6 MCU_RMII1_TXD0 RMII Transmit Data 0 O M5 MCU_RMII1_TXD1 RMII Transmit Data 1 O M4 4.3.4 DMTIMER 4.3.4.1 MAIN Domain Table 4-8. DMTIMER Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] TIMER_IO0 Timer Inputs and Outputs (not tied to single timer instance) IO B22 TIMER_IO1 Timer Inputs and Outputs (not tied to single timer instance) IO C23 TIMER_IO2 Timer Inputs and Outputs (not tied to single timer instance) IO P23 TIMER_IO3 Timer Inputs and Outputs (not tied to single timer instance) IO R23 TIMER_IO4 Timer Inputs and Outputs (not tied to single timer instance) IO AG11 TIMER_IO5 Timer Inputs and Outputs (not tied to single timer instance) IO AD11 TIMER_IO6 Timer Inputs and Outputs (not tied to single timer instance) IO T24 TIMER_IO7 Timer Inputs and Outputs (not tied to single timer instance) IO T23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |