Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RSC-4128 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RSC-4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC-4128 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RSC-4128 Datasheet HTML 9Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 10Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 11Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 12Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 13Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 14Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 15Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 16Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Data Sheet
RSC-4128
13
P/N 80-0206-J
© 2004 Sensory Inc.
to be the same or different from the processor clock used when the power-down flag was set. (see “Clock” section
for complete explanation)
To minimize power consumption, most operational blocks on the chip also have individual power controls that may
be selectively enabled or disabled by the programmer.
Wakeup from powerdown
Note that a Wakeup event does not cause a reset. The processor, which was "frozen" when register E8.Bit7 was
set, will be restarted without loss of context. A reset of the chip will also cancel a power down mode, but with a
corresponding loss of processor context.
Wakeup events terminate a power-down state. In Sleep mode, only an I/O Wakeup event can initiate a wake-up. In
Idle mode, an Audio Wakeup, I/O Wakeup or Timer2 interrupt request caused by overflow can generate a wakeup.
An I/O Wakeup is enabled by setting the bit(s) high in registers E9 or EA corresponding to the desired I/O pin(s) to
be used for wakeup. E9 controls P0 wakeup enable and EA controls P1 wakeup enable. The polarity of the
wakeup event is controlled by putting the appropriate port pin in input mode and writing the appropriate bit in the
output register for that pin to the desired polarity. (see “General Purpose I/O” section for complete explanation)
When the value on the wakeup pin equals the value in the output register a wakeup will occur.
A T2 Wakeup is enabled by setting register E8.Bit6 high. Then an overflow of timer T2 will generate an interrupt
request, which in turn will trigger a wakeup event. Note that the Timer2 “irq” bit (register FE.Bit1) must be cleared
prior to powering down to allow the wakeup interrupt request to occur. (the “Timers/Counters” section describes
how timer T2 is configured)
An Audio Wakeup is generated by special circuitry that can detect several classes of sounds, even while in power-
down mode. When the class of sound selected by the programmer is detected by this circuitry a wakeup event will
occur. (see the “Audio Wakeup” section for more information)
General Purpose I/O
The RSC-4128 has 24 general-purpose I/O pins (P0.0-P0.7, P1.0-P1.7, P2.0-P2.7). Each pin can be programmed
as an input with weak pull-up (~200k
Ω equivalent device); input with strong pull-up (~10kΩ equivalent device); input
without pull-up, or as an output with sufficient drive to light an LED. (See “DC Characteristics” section for I/O
electrical characteristics.) This is accomplished by programming combinations of 48 bits of configuration registers
assigned to the I/O pins.
Two control registers, A and B, are used to control the nature of inputs and outputs for each port. Registers E6
(“p0CtlA”) and E7 (“p0CtlB”), E2 (“p1CtlA”) and E3 (“p1CtlB”), and DE (“p2CtlA”) and DF (“p2CtlB”), are the control
registers A and B for ports P0, P1 and P2, respectively. Each port pin’s I/O configuration may be controlled
independently by the state of it’s corresponding bits in these registers. Control registers A and B together
determine the function of the port pins as follows:
B bit
A bit
Port Pin Function
0
0
Input - Weak Pull-up
0
1
Input - Strong Pull-up
1
0
Input - No pull-up
1
1
Output
(For example, if register E7.Bit 4 is set high, and register E6.Bit 4 is low, then pin P0.4 is an input without a pull-up
device.)
After reset, pins P0.0-P0.7, P1.0-P1.7, and P2.5-P2.7 are set to be digital inputs with weak pull-ups, and pins P2.0-
P2.4 are configured as analog input pins with no pull-ups. Being reset as an input and lightly pulled to a known



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com