Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9700 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9700
Description  Low-Power Voltage Output Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9700 Datasheet HTML 5Page - Microchip Technology MCP9700 Datasheet HTML 6Page - Microchip Technology MCP9700 Datasheet HTML 7Page - Microchip Technology MCP9700 Datasheet HTML 8Page - Microchip Technology MCP9700 Datasheet HTML 9Page - Microchip Technology MCP9700 Datasheet HTML 10Page - Microchip Technology MCP9700 Datasheet HTML 11Page - Microchip Technology MCP9700 Datasheet HTML 12Page - Microchip Technology MCP9700 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21942A-page 9
MCP9700/01
4.0
APPLICATIONS INFORMATION
4.1
Improving Accuracy
The MCP9700/01 accuracy can be improved by
performing a system calibration at a specific tempera-
ture. For example, calibrating the system at 25°C
ambient improves the measurement accuracy to a
±0.5°C (typ.) from 0°C to 70°C, as shown in Figure 4-1.
Therefore,
when
measuring relative
temperature
change, this family measures temperature with higher
accuracy.
FIGURE 4-1:
Relative Accuracy to +25°C
vs. Temperature.
The relative change in accuracy from the calibration
temperature is due to the output non-linearity from the
first-order equation, specified in Equation 3-1. The
accuracy can be further improved by compensating for
the output non-linearity.
For higher accuracy, the sensor output transfer function
is also derived using a second-order equation as
shown in Equation 4-1. The equation describes the
output non-linearity. This equation is not used to
characterize the part as specified in the DC Electrical
Characteristics table; however, it provides better
accuracy.
EQUATION 4-1:
SECOND-ORDER
TRANSFER FUNCTION
4.2
Shutdown Using Microcontroller
I/O Pin
The MCP9700/01 low operating current of 6 µA (typ.)
makes it ideal for battery-powered applications.
However, for applications that require tighter current
budget, this device can be powered using a microcon-
troller Input/Output (I/O) pin. The I/O pin can be toggled
to shutdown the device. In such applications, the
microcontroller internal digital switching noise is
emitted to the MCP9700/01 as power supply noise.
This switching noise compromises measurement
accuracy. Therefore, a decoupling capacitor will be
necessary.
4.3
Layout Considerations
The MCP9700/01 does not require any additional
components to operate. However, it is recommended
that a decoupling capacitor of 0.1 µF to 1 µF be used
between the VDD and GND pins. In high-noise applica-
tions, connect the power supply voltage to the VDD pin
using a 200
Ω resistor with a 1 µF decoupling capacitor.
A high-frequency ceramic capacitor is recommended. It
is necessary for the capacitor to be located as close as
possible to the VDD and GND pins in order to provide
effective noise protection. In addition, avoid tracing dig-
ital lines in close proximity to the sensor.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
TA (°C)
VDD= 3.3V
10 Samples
Where:
TA
= Ambient Temperature
VOUT = Sensor Output Voltage
V0°C = Sensor Output Voltage at 0°C
(refer to Figure 2-7 and 2-10)
TC1
= Temperature Coefficient
(refer to Figure 2-8 and 2-11)
TC2
= Temperature Coefficient
MCP9700 1.4 µV/°C2 (typ.)
MCP9701 2.7 µV/°C2 (typ.)
(refer to Figure 2-9 and 2-12)
VOUT = TC2 (TA + 10°C)(125°C – TA) + TC1 TA + V0°C
= -TC2 TA
2 + (T
C1 + 115 TC2)TA + 1250 TC2 + V0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com