Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IL261 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IL261
Description  High Speed Five Channel Digital Coupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL261 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  IL261 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL261 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL261 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL261 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL261 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL261 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL261 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
0.3'' SOIC-16 Package
0.15'' SOIC-16 Package
7
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL26XISOLOOP®
Ordering Information: use the following format to order these devices
IL 260 -3 B TR13
Bulk Package
Blank = Tube
TR7 = 7'' Tape and Reel
TR13 = 13'' Tape and Reel
Supply Voltage
B = 5.0 VDC
Package
Blank = SOIC (0.3'')
-3 = SOIC (0.15'')
Base Part Number
260 = 5 drive channels
261 = 4 drive and 1 receive channels
Product Family
IL = Isolators
IL 260B
IL 260-3B
IL 260BTR13
IL 260-3BTR13
IL 260-3BTR7
IL 261B
IL 261-3B
IL 261BTR13
IL 261-3BTR13
IL 261-3BTR7
Valid Part Numbers
Valid Part Numbers
Preliminary



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com