Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM9701 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9701
Description  Digital Image Processor w/ Integrated Pre-processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9701 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9701 Datasheet HTML 1Page - National Semiconductor (TI) LM9701 Datasheet HTML 2Page - National Semiconductor (TI) LM9701 Datasheet HTML 3Page - National Semiconductor (TI) LM9701 Datasheet HTML 4Page - National Semiconductor (TI) LM9701 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2002 National Semiconductor Corporation
www.national.com
ADVANCE INFORMATION
October 2002
LM9701 Digital Image Processor w/ Integrated Pre-processor
General Description
The LM9701 is a cost effective, digital image processor based
around the ARM7
TM 32 bit RISC processor. The chip has been
designed to operate with National’s family of advanced CMOS
image sensors allowing a complete camera solution for imaging
applications.
Features
!
Embedded 32 bit ARM7TM TDNI RISC processor system
- 16K bytes of internal SRAM
- 8K bytes of instruction Cache
- 4 channel DMA
!
External memory bus supporting:
- 64 M-byte address space for SRAM and Flash
- 64 M-bit address space for SDRAM
!
Processor Peripherals
- Two full duplex UARTs
-
µwire/SPI serial port
- Versitile timer
- ARM timer
- Interrupt controller
- 16 general purpose IOs
- Real time clock
!
Glueless CMOS image sensor interface
- 10 bit data, vsync, hsync and pclk
-Fast I2C compatible serial Interface
!
Image Pre-processor
- Defective pixel correction (up to 1024)
- Linearization table
- 4 channel digital gain and offset adjustment
- Raw data statistics
!
Integrated USB v1.1 for connection to PC
!
System management
- Internal Clock generation from 12MHz Crystal
- Power management
- Reset generation
- JTAG based serial on-chip debug interface
Applications
!
Clip On Camera
!
Digital Still Camera
!
Industrial Camera
!
Automotive Camera
!
Security Camera
Key Specifications
Input Format
Color Bayer Pattern
Monochrome
Input Pixel Rate
12 Meg-pixels/s
Digital Image Pre-Processor
10 bit
External Memory
- Memory Type
- Address Space
- Speed
SRAM, Flash, SDRAM
24 bit
up to 75MHz
Serial Interfaces
-I2C compatible master
-
µwire/SPI
-UART
up to 400KHz
up to 6.0 MHz
up to 921.6 K bits/s
32 bit ARM7 Processor
-MIPS
- Internal Memory
- Instruction Cache
up to 75
16K-bytes
8K-bytes
Clock Inputs
-System
- Real Time Clock
12 Mhz Cystal
32 KHz Crystal
Power Supply
-Core
-IO
1.8 Volt
3.3 Volt
Power Dissipation
< 100mW
Package
144 LQFP
Operating temperature
-40oC to +85oC
System Block Diagram
ARM, ARM7 and ARM7TDMI are registered trademarks of ARM Limited
LM9701
UART
USB
Flash
SRAM
SDRAM
µWIRE/SP
CMOS Image
Sensor


Similar Part No. - LM9701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
LM9702 Real Time Digital Image Processor
LM9702SL NSC-LM9702SL Datasheet
74Kb / 4P
LM9702 Real Time Digital Image Processor
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
Real Time Digital Image Processor
LM9704SL NSC-LM9704SL Datasheet
74Kb / 4P
Real Time Digital Image Processor
More results

Similar Description - LM9701

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
FACSIMILE IMAGE DATA PROCESSOR
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
LM9702 Real Time Digital Image Processor
logo
Panasonic Semiconductor
MN195902 PANASONIC-MN195902 Datasheet
49Kb / 7P
Digital Signal Processor for Image CODEC
logo
Samsung semiconductor
S5D2400X SAMSUNG-S5D2400X Datasheet
2Mb / 92P
S5D2400X scaling image processor
KS7333 SAMSUNG-KS7333 Datasheet
284Kb / 44P
Digital Image Stabilization and Digital Zoom Processor
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
Real Time Digital Image Processor
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
Video Image Processor
logo
Zoran Corporation
PM-22 ZORAN-PM-22 Datasheet
67Kb / 2P
Multifunction Image Processor
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
JPEG Image Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
Facsimile Image Data Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com