Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89173LPF Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB89173LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89173LPF Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB89173LPF Datasheet HTML 28Page - fujitsu semiconductor MB89173LPF Datasheet HTML 29Page - fujitsu semiconductor MB89173LPF Datasheet HTML 30Page - fujitsu semiconductor MB89173LPF Datasheet HTML 31Page - fujitsu semiconductor MB89173LPF Datasheet HTML 32Page - fujitsu semiconductor MB89173LPF Datasheet HTML 33Page - fujitsu semiconductor MB89173LPF Datasheet HTML 34Page - fujitsu semiconductor MB89173LPF Datasheet HTML 35Page - fujitsu semiconductor MB89173LPF Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
MB89170/170A/170L Series
(Continued)
(VCC = 5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
* : The power supply current is measured at the external clock.
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply
voltage*
ICC
VCC
(when DTMF is
not operating)
VCC = 5.0 V
FCH = 3.58 MHz
• Main clock
operation
mode
• Highest gear
speed
—3.5
8
mA
MB89173/
174A/173L/
174L
—6.5
10
mA
MB89P173/
P175A
ICCS1
VCC = 5.0 V
FCH = 3.58 MHz
• Main clock
sleep mode
• Highest gear
speed
—2
5
mA
ICCS2
VCC = 3.0 V
FCL = 32.768
kHz
• Subclock
sleep
mode
—25
50
µA
ICCH
TA = +25
°C
• Subclock stop
mode
• Main clock
stop mode in
single clock
system
——
1
µA
ICSB
VCC = 3.0 V
FCL = 32.768
kHz
• Subclock
operation
mode
—
50
100
µA MB89173/
174A
—1
3
mA
MB89P173/
P175A
ICCT
VCC = 3.0 V
• Watch mode
——
15
µA
ID
VCC
(when DTMF is
operating)
VCC = 5.0 V
FCH = 3.58 MHz
• Main clock
operation
mode
• Highest gear
speed
—5.5
10
mA
MB89173/
174A
—8.5
13
mA
MB89P173/
P175A
Input capacitance
CIN
Other than VCC,
VSS
f = 1 MHz
—
10
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com