Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAW9B3 Datasheet(PDF) 82 Page - SPANSION

Part # S71PL129JC0BAW9B3
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B3 Datasheet(HTML) 82 Page - SPANSION

Back Button S71PL129JC0BAW9B3 Datasheet HTML 78Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 79Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 80Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 81Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 82Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 83Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 84Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 85Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 86Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 149 page
background image
82
pSRAM Type 6
pSRAM_Type06_14_A1 Ocotober 16, 2004
Advance
Info rmation
AC Test Conditions
tOH
Output Data Hold Time
10
—
ns
tPM
Page Mode Time
70
10000
ns
tPC
Page Mode Cycle Time
30
—
ns
tAA
Page Mode Address Access Time
—
30
ns
tAOH
Page Mode Output Data Hold Time
10
—
ns
tWC
Write Cycle Time
70
10000
ns
tWP
Write Pulse Width
50
—
ns
tCW
Chip Enable to End of Write
70
—
ns
tBW
Data Byte Control to End of Write
60
—
ns
tAW
Address Valid to End of Write
60
—
ns
tAS
Address Set-up Time
0
—
ns
tWR
Write Recovery Time
0
—
ns
tCEH
Chip Enable High Pulse Width
10
—
ns
tWEH
Write Enable High Pulse Width
6
—
ns
tODW
WE# Low to Output High-Z
—
20
ns
tOEW
WE# High to Output Active
0
ns
tDS
Data Set-up Time
30
—
ns
tDH
Data Hold Time
0
—
ns
tCS
CE2 Set-up Time
0
—
ns
tCH
CE2 Hold Time
300
—
µs
tDPD
CE2 Pulse Width
10
—
ms
tCHC
CE2 Hold from CE1#
0
—
ns
tCHP
CE2 Hold from Power On
30
—
µs
Parameter
Condition
Output load
30 pF + 1 TTL Gate
Input pulse level
VDD - 0.2 V, 0.2 V
Timing measurements
VDD x 0.5
Reference level
VDD x 0.5
tR, tF
5 ns
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com