Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTL911SHKSA Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTL911SHKSA
Description  Super Flux LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL911SHKSA Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTL911SHKSA Datasheet HTML 3Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 4Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 5Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 6Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 7Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 8Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 9Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 10Page - Lite-On Technology Corporation LTL911SHKSA Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
     
       
Typical Electrical / Optical Characteristics Curves
(25
 Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Luminous Intensity vs. Wavelength
Fig.4 Forward Current vs. Ambient Temperature
Fig.2 Forward Current vs. Forward Voltage
Fig.3 Relative Luminous Flux vs Forward Current
0.9
0
0.2
0.1
0.4
0.3
0.6
0.5
0.8
0.7
Wavelength (nm)
1.0
0
0
Ambient Temperature Ta( C)
0
0
Forward Voltage Vf(V)
300
400
500
600
700
800
12 3
56 7
4
1.Blue
2.Cyan
3.Green
4.White
5.Amber
6.Red-Orange
7.Red
10
20
30
40
50
60
70
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.Red
Amber
2.Blue
Cyan
White
Green
Red-Orange
Forward Current If(mA)
010
20
30
40
50
60
70
0.2
0.4
0.6
0.8
1.0
1
2
Red-Orange
2.Blue
Amber
Cyan
Green
White
1.Red
10
20
30
40
50
60
70
80
20
40
60
80
100
1
2
Red-Orange
2.Blue
Amber
Cyan
Green
White
1.Red
Fig.5a LTL911SxKSA
0.5
-20
-60
-80
0
0.1
0.2
0.3
0.4
-40
20
040
60
0.9
0.6
0.7
0.8
1.0
-40
Fig.5b LTL912SxKSA
0.5
80
0
0.1
0.4
0.3
0.2
-80
-60
0.9
0.8
0.7
0.6
1.0
40
-20
20
080
60
Relative Luminous Intensity vs. Viewing Angle
Relative Luminous Intensity vs. Viewing Angle
Viewing Angle
Viewing Angle
(R j-a=300 C/W)
Part No. : LTL911/912 series
Page 7 of 12
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com