Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTP160N04T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP160N04T2
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP160N04T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP160N04T2 Datasheet HTML 1Page - IXYS Corporation IXTP160N04T2 Datasheet HTML 2Page - IXYS Corporation IXTP160N04T2 Datasheet HTML 3Page - IXYS Corporation IXTP160N04T2 Datasheet HTML 4Page - IXYS Corporation IXTP160N04T2 Datasheet HTML 5Page - IXYS Corporation IXTP160N04T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
IXTA160N04T2
IXTP160N04T2
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
21
22
23
24
25
26
27
28
29
80
90
100
110
120
130
140
150
160
ID - Amperes
TJ = 25
oC
TJ = 125
oC
RG = 5Ω, VGS = 10V
VDS = 20V
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
0
20
40
60
80
100
120
140
4
6
8
1012
1416
1820
RG - Ohms
0
5
10
15
20
25
30
35
t r
td(on)
TJ = 125
oC, VGS = 10V
VDS = 20V
I D = 160A, 80A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
10
14
18
22
26
30
34
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
10
14
18
22
26
30
34
t f
td(off)
RG = 5Ω, VGS = 10V
VDS = 20V
I D = 80A
I D = 160A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
10
15
20
25
30
35
40
80
90
100
110
120
130
140
150
160
ID - Amperes
10
15
20
25
30
35
40
t f
td(off)
RG = 5Ω, VGS = 10V
VDS = 20V
TJ = 25
oC
TJ = 125
oC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
20
21
22
23
24
25
26
27
28
29
30
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 5Ω, VGS = 10V
VDS = 20V
I D = 80A
I D = 160A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
0
20
40
60
80
100
120
140
4
6
8
1012
141618
20
RG - Ohms
0
20
40
60
80
100
120
140
t f
td(off)
TJ = 125
oC, VGS = 10V
VDS = 20V
I D = 80A, 160A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com