Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTP55N075T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP55N075T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP55N075T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP55N075T Datasheet HTML 1Page - IXYS Corporation IXTP55N075T Datasheet HTML 2Page - IXYS Corporation IXTP55N075T Datasheet HTML 3Page - IXYS Corporation IXTP55N075T Datasheet HTML 4Page - IXYS Corporation IXTP55N075T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
25
30
35
40
45
50
55
60
65
70
75
80
85
10
12
14
16
18
20
22
24
26
28
30
ID - Amperes
RG = 18
Ω
VGS = 10V
VDS = 37.5V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
10
30
50
70
90
110
130
150
15
20
25
30
35
40
45
50
55
60
RG - Ohms
17
19
21
23
25
27
29
31
t r
td(on)
- - - -
TJ = 125ºC, VGS = 10V
VDS = 37.5V
ID = 30A
I D = 10A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
30
32
34
36
38
40
42
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
30
34
38
42
46
50
54
t f
td(off)
- - - -
RG = 18
Ω, VGS = 10V
VDS = 37.5V
I D = 10A
ID = 30A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
30
31
32
33
34
35
36
37
38
39
40
41
42
10
12
14
16
18
20
22
24
26
28
30
ID - Amperes
30
32
34
36
38
40
42
44
46
48
50
52
54
t f
td(off)
- - - -
RG = 18
Ω, VGS = 10V
VDS = 37.5V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
25
30
35
40
45
50
55
60
65
70
75
80
85
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 18
Ω
VGS = 10V
VDS = 37.5V
I D = 30A
I D = 10A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
30
35
40
45
50
55
60
65
70
75
80
85
90
95
15
20
25
30
35
40
45
50
55
60
RG - Ohms
0
10
20
30
40
50
60
70
80
90
100
110
120
130
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 37.5V
I D = 30A
I D = 10A
IXYS REF: T_55N075T (1V) 7-13-06.xls
IXTP 55N075T
IXTY 55N075T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com