Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F004B-B-70JF Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29F004B-B-70JF
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B-B-70JF Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29F004B-B-70JF Datasheet HTML 17Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 18Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 19Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 20Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 21Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 22Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 23Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 24Page - Advanced Micro Devices AM29F004B-B-70JF Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
8/5/05
Am29F004B
19
AD VA NC E
IN FO RM AT ION
erase commands is always less than 50
μs. See also the
Sector Erase Command Sequence on page 14 section.
After the sector erase command sequence is written, the
system should read the status on DQ7 (Data# Polling) or DQ6
(Toggle Bit I) to ensure the device accepts the command
sequence, and then read DQ3. If DQ3 is 1, the internally con-
trolled erase cycle started; all further commands (other than
Erase Suspend) are ignored until the erase operation is com-
plete. If DQ3 is 0, the device accepts additional sector erase
commands. To ensure the command was accepted, the
system software should check the status of DQ3 prior to and
following each subsequent sector erase command. If DQ3 is
high on the second status check, the last command might not
have been accepted. Table 6 on page 19 shows the outputs
for DQ3.
Table 6.
Write Operation Status
Notes:
1.
DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
2.
DQ5 switches to 1 when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See DQ5:
Exceeded Timing Limits on page 18 for more information.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1.
Read toggle bit twice to determine whether or not it is toggling.
See text.
2.
Recheck toggle bit because it may stop toggling as DQ5
changes to
1. See text.
Figure 6.
Toggle Bit Algorithm
(Notes
1, 2)
(Note
1)
Operation
DQ7
(Note 1)
DQ6
DQ5
(Note 2)
DQ3
DQ2
(Note 1)
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase
Suspend
Mode
Reading within Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
Reading within Non-Erase Suspended
Sector
Data
Data
Data
Data
Data
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com