Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAPLRBA0 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA0
Description  Photolink- Fiber Optic Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA0 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  EAPLRBA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATASHEET
Photolink- Fiber Optic Receiver
EAPLRBA0
5
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 05.29.2013.. Issue No: 1
www.everlightamericas .com
Typical Electro-Optical Characteristics Curves
*Fig.4
Power supply voltage vs. Minimum receiver
power
*Fig.5
Transfer rate vs. Minimum receiver power
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-22
-24
-26
-28
-30
-32
Operating Transfer Rate
16Mbps
25Mbps
Operating Voltage (V)
0
5
10
15
20
25
-22
-24
-26
-28
-30
-32
Operating Voltage Vcc=3.3V
Transfer Rate (Mbps)
Note: Before using the
EAPLRBA0 device, please confirm the minimum sensitivity at different operating voltage and transmission
rate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com