Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3458L Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3458L
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458L Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3458L Datasheet HTML 7Page - Linear Technology LTC3458L Datasheet HTML 8Page - Linear Technology LTC3458L Datasheet HTML 9Page - Linear Technology LTC3458L Datasheet HTML 10Page - Linear Technology LTC3458L Datasheet HTML 11Page - Linear Technology LTC3458L Datasheet HTML 12Page - Linear Technology LTC3458L Datasheet HTML 13Page - Linear Technology LTC3458L Datasheet HTML 14Page - Linear Technology LTC3458L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3458L
11
3458lf
COMPONENT SELECTION
Inductor Selection
The high frequency operation of the LTC3458L allows for
the use of small surface mount inductors. Since the
internal slope compensation circuit relies on the inductor’s
current slope and frequency, Table 1 should be used to
select an inductor value for a given frequency of operation
(
± 25%). The recommended value will yield optimal tran-
sient performance while maintaining stable operation.
Inductor values larger than listed in Table 1 are permis-
sible to reduce the current ripple.
Table 1. Recommended Inductor Values
Frequency
Inductor Value(
µH)
1.5MHz
3.3 to 4.7
1.25MHz
4.7 to 6.8
1MHz
6.8 to 10
750kHz
10 to 15
500kHz
15 to 22
For high efficiency, choose an inductor with high fre-
quency core material, such as ferrite, to reduce core
losses. The inductor should have low ESR (equivalent
series resistance) to reduce the I2R losses, and must be
able to handle the peak inductor current without saturat-
ing. Molded chokes or chip inductors usually do not have
enough core to support peak inductor currents in the
1A to 3A region. To minimize radiated noise, use a
toroidal or shielded inductor. (Note that the inductance of
shielded types will drop more as current increases, and
will saturate more easily). See Table 2 for a list of inductor
manufacturers.
Table 2. Inductor Vendor Information
Supplier
Phone
Website
Coilcraft
(847) 639-6400
www.coilcraft.com
TDK
(847) 803-6100
www.component.tdk.com
Murata
USA: (814) 237-1431
(800) 831-9172
www.murata.com
Sumida
USA: (847) 956-0666
Japan: 81-3-3607-5111
www.japanlink.com/sumida
COEV
(800) 227-7040
www.coev.net
Toko
(847) 297-0070
www.tokoam.com
Wurth
(202) 785-8800
www.we-online.com
APPLICATIO S I FOR ATIO
Some example inductor part types are:
Coilcraft: MSS7341 and MSS5131 Series
TDK: RLF5018T and SLF7045 Series
Murata: LQH4C and LQN6C Series
Sumida: CDRH4D28 and CDRH6D28 Series
COEV: DQ7545 Series
TOKO: D62CB and D63LCB Series
WURTH: WE-PD2 Series
Output Capacitor Selection
The output voltage ripple has three components to it. The
bulk value of the capacitor is set to reduce the ripple due
to charge into the capacitor each cycle. The max ripple due
to charge is given by:
V
IV
CV
f
RBULK
PIN
OUT
OUT
=
•
••
where IP = peak inductor current and f = switching
frequency.
The ESR (equivalent series resistance) is usually the most
dominant factor for ripple in most power converters. The
ripple due to capacitor ESR is given by:
VRCESR = IP • CESR
where CESR = Capacitor Series Resistance.
The ESL (equivalent series inductance) is also an impor-
tant factor for high frequency converters. Using small,
surface mount ceramic capacitors, placed as close as
possible to the VOUT pins, will minimize ESL.
Low ESR/ESL capacitors should be used to minimize
output voltage ripple. For surface mount applications, AVX
TPS Series tantalum capacitors, Sanyo POSCAP, or Taiyo
Yuden X5R type ceramic capacitors are recommended.
For through-hole applications, Sanyo OS-CON capacitors
offer low ESR in a small package size.
In all applications, a minimum of 4.7
µF (generally 22µF is
recommended), low ESR ceramic capacitor should be
placed as close to the VOUT pin as possible, and grounded
to a local ground plane.
..
..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com