Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI74ALVCH16270 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74ALVCH16270
Description  12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16270 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74ALVCH16270 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16270 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16270 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16270 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16270 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8171A
03/05/03
PI74ALVCH16270
PI74ALVCH16270
PI74ALVCH16270
PI74ALVCH16270
PI74ALVCH16270
12-Bit To 24-Bit
12-Bit To 24-Bit
12-Bit To 24-Bit
12-Bit To 24-Bit
12-Bit To 24-Bit Registered Bus Exchanger
Registered Bus Exchanger
Registered Bus Exchanger
Registered Bus Exchanger
Registered Bus Exchanger with 3-State Outputs
with 3-State Outputs
with 3-State Outputs
with 3-State Outputs
with 3-State Outputs
Inputs
Outputs
CLK
OEA
OEB
A
1B, 2B
­
HH
Z
Z
­
HL
Z
Active
­
LH
Active
Z
­
L
L
Active
Active
Inputs
Outputs
A
CLKEN1B CLKEN2B CLK
SEL
1B
2B
HX
X
H
XX
A0(3)
XH
X
L
X
X
A0(3)
LX
­H
LX
L
LX
­H
HX
H
XL
­
LX
L
L
XL
­
LX
H
H
INPUTS
OUTPUTS
CLKENA1 CLKENA2 CLK
A
1B
2B
LH
X
X
1B0(3)
2B0(3)
LH
X
X
1B0(3)
2B0(3)
LL
­
LL(2)
L
LL
­
HH(2)
H
HL
­
L1B0(3)
L
HL
­
H1B0(3)
H
HH
X
X
1B0(3)
2B0(3)
Pin Name
Pin Name
Pin Name
Pin Name
Pin Name
Description
Description
Description
Description
Description
OE
Output Enable Input (Active LOW)
C L K
Clock
S E L
Select (Active Low)
CLKEN
Clock Enable (Active Low)
A,1B,2B
3-StateOutputs
GND
Ground
VCC
Power
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
Product Pin Description
Product Pin Description
Product Pin Description
Product Pin Description
Product Pin Description
Notes:
Notes:
Notes:
Notes:
Notes:
1. H = High Signal Level
L
=
Low Signal Level
X = Irrelevant
Z = High Impedance
↑ = Transition, Low to High
2. Two CLK edges are needed to propagate data.
3. Output level before the indicated steady state
input conditions were established.
Product Pin Configuration
Product Pin Configuration
Product Pin Configuration
Product Pin Configuration
Product Pin Configuration
56-PIN
56-PIN
56-PIN
56-PIN
56-PIN
A56
A56
A56
A56
A56
V56
V56
V56
V56
V56
OEA
CLKEN1B
2B3
GND
2B2
2B1
VCC
A1
A2
A3
GND
A4
A5
A6
A7
A8
A9
GND
A10
A11
A12
VCC
1B1
1B2
GND
1B3
CLKEN2B
SEL
OEB
CLKENA2
2B4
GND
2B5
2B6
VCC
2B7
2B8
2B9
GND
2B10
2B11
2B12
1B12
1B11
1B10
GND
1B9
1B8
1B7
VCC
1B6
1B5
GND
1B4
CLKENA1
CLK
Truth Tables
Truth Tables
Truth Tables
Truth Tables
Truth Tables(1)
A to B Storage (OEB = L)
A to B Storage (OEB = L)
A to B Storage (OEB = L)
A to B Storage (OEB = L)
A to B Storage (OEB = L)
B to A Storage (OEA = L)
B to A Storage (OEA = L)
B to A Storage (OEA = L)
B to A Storage (OEA = L)
B to A Storage (OEA = L)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com