Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDS8160 Datasheet(PDF) 21 Page - IXYS Corporation

Part # LDS8160
Description  Dual-Output RGB / 6-Channel WLED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8160 Datasheet(HTML) 21 Page - IXYS Corporation

Back Button LDS8160 Datasheet HTML 17Page - IXYS Corporation LDS8160 Datasheet HTML 18Page - IXYS Corporation LDS8160 Datasheet HTML 19Page - IXYS Corporation LDS8160 Datasheet HTML 20Page - IXYS Corporation LDS8160 Datasheet HTML 21Page - IXYS Corporation LDS8160 Datasheet HTML 22Page - IXYS Corporation LDS8160 Datasheet HTML 23Page - IXYS Corporation LDS8160 Datasheet HTML 24Page - IXYS Corporation LDS8160 Datasheet HTML 25Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
LDS8160
© 2009 IXYS Corp.
21
Doc. No. 8160_DS, Rev. N1.0
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
(Over recommended operating conditions unless specified otherwise) Vin = 3.6V, Cin = 1 µF, EN = High, TAMB = 25°C
Figure 12
Soft Start POR Delay En = L to H
Time (µs)
Figure 13
Shutdown Delay En = H to L
Time (µs)
Figure 14
LED Driver @ 50% PWM Duty Cycle
Time (ms)
Figure 15
PWM Dimming Response (TR / TF)
Time (µs)
Figure 16
PWM Minimum Pulse
Time (µs)
Figure 17
Output Driver Current vs. VDrop-Out Voltage
Vdrop-out (Volts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com