Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXDN502PI Datasheet(PDF) 11 Page - IXYS Corporation

Part # IXDN502PI
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN502PI Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IXDN502PI Datasheet HTML 4Page - IXYS Corporation IXDN502PI Datasheet HTML 5Page - IXYS Corporation IXDN502PI Datasheet HTML 6Page - IXYS Corporation IXDN502PI Datasheet HTML 7Page - IXYS Corporation IXDN502PI Datasheet HTML 8Page - IXYS Corporation IXDN502PI Datasheet HTML 9Page - IXYS Corporation IXDN502PI Datasheet HTML 10Page - IXYS Corporation IXDN502PI Datasheet HTML 11Page - IXYS Corporation IXDN502PI Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
IXDF502 / IXDI502 / IXDN502
When designing a circuit to drive a high speed MOSFET utilizing
the IXD_502, it is very important to observe certain design criteria
in order to optimize performance of the driver. Particular attention
needs to be paid to
Supply Bypassing, Grounding, and
minimizing the
Output Lead Inductance.
Say, for example, we are using the IXD_502 to charge a 1500pF
capacitive load from 0 to 25 volts in 25ns.
Using the formula: I = C ∆V/∆t, where ∆V=25V C=1500pF &
∆t=25ns, we can determine that to charge 1500pF to 25 volts in
25ns will take a constant current of 1.5A. (In reality, the charging
current won’t be constant, and will peak somewhere around 2A).
SUPPLY BYPASSING
In order for our design to turn the load on properly, the IXD_502
must be able to draw this 1.5A of current from the power supply
in the 25ns. This means that there must be very low impedance
between the driver and the power supply. The most common
method of achieving this low impedance is to bypass the power
supply at the driver with a capacitance value that is an order of
magnitude larger than the load capacitance. Usually, this would
be achieved by placing two different types of bypassing capacitors,
with complementary impedance curves, very close to the driver
itself. (These capacitors should be carefully selected and should
have low inductance, low resistance and high-pulse current-
service ratings). Lead lengths may radiate at high frequency due
to inductance, so care should be taken to keep the lengths of the
leads between these bypass capacitors and the IXD_502 to an
absolute minimum.
Supply Bypassing, Grounding Practices And
Output Lead inductance
GROUNDING
In order for the design to turn the load off properly, the IXD_502
must be able to drain this 1.5A of current into an adequate
grounding system. There are three paths for returning current that
need to be considered: Path #1 is between the IXD_502 and its
load. Path #2 is between the IXD_502 and its power supply. Path
#3 is between the IXD_502 and whatever logic is driving it. All three
of these paths should be as low in resistance and inductance as
possible, and thus as short as practical. In addition, every effort
should be made to keep these three ground paths distinctly
separate. Otherwise, the returning ground current from the load
may develop a voltage that would have a detrimental effect on the
logic line driving the IXD_502.
OUTPUT LEAD INDUCTANCE
Of equal importance to Supply Bypassing and Grounding are
issues related to the Output Lead Inductance. Every effort should
be made to keep the leads between the driver and its load as short
and wide as possible. If the driver must be placed farther than 0.2”
(5mm) from the load, then the output leads should be treated as
transmission lines.
In this case, a twisted-pair should be
considered, and the return line of each twisted pair should be
placed as close as possible to the ground pin of the driver, and
connected directly to the ground terminal of the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com