Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-FMC-EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9154-FMC-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-FMC-EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9154-FMC-EBZ Datasheet HTML 16Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 17Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 18Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 19Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 20Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 21Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 22Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 23Page - Analog Devices AD9154-FMC-EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 20 of 124
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation of the actual analog output from
the ideal output, determined by a straight line drawn from zero
scale to full scale.
Differential Nonlinearity (DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Offset Error
Offset error is a measure of how far from full-scale range (FSR)
the DAC output current is at 25°C (in ppm).
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the difference between
the output when the input is at its minimum code and the
output when the input is at its maximum code.
Output Compliance Range
The output compliance range is the range of allowable voltages
at the output of a current output DAC. Operation beyond the
maximum compliance limits can cause either output stage
saturation or breakdown, resulting in nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient value (25°C) to the value at either TMIN or TMAX. For offset
and gain drift, the drift is reported in ppm of FSR per degree
Celsius.
Settling Time
Settling time is the time required for the output to reach and
remain within a specified error band around its final value,
measured from the start of the output transition.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the peak amplitude
of the output signal and the peak spurious signal within the dc
to Nyquist frequency of the DAC. Typically, energy in this band
is rejected by the interpolation filters. This specification,
therefore, defines how well the interpolation filters work and
the effect of other parasitic coupling paths on the DAC output.
Interpolation Filter
If the digital inputs to the DAC are sampled at a multiple rate of
fDATA (interpolation rate), a digital filter can be constructed that
has a sharp transition band near fDATA/2. Images that typically
appear around fDAC (output data rate) can be greatly suppressed.
Adjacent Channel Leakage Ratio (ACLR)
ACLR is the ratio in decibels relative to the carrier (dBc)
between the measured power within a channel relative to
its adjacent channel.
Complex Image Rejection
In a single sideband upconversion, two images are created
around the second IF frequency; the desired signal is on one of
these images. The other signal is unwanted, and a complex
modulator rejects this unwanted image.
Adjusted DAC Update Rate
The adjusted DAC update rate the DAC update rate divided by
the selected interpolation factor.
Physical Lane
Physical Lane x refers to SERDINx±.
Logical Lane
Logical Lane x refers to physical lanes after optionally being
remapped by the crossbar block (Register 0x308 to
Register 0x30B).
Link Lane
Link Lane x refers to logical lanes considered per link. When
paging Link 0 (Register 0x300, Bit 2 = 0), Link Lane x = Logical
Lane x. When paging Link 1 (Register 0x300, Bit 2 = 1, dual link
only), Link Lane x = Logical Lane x + 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com