Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCD1284 Datasheet(PDF) 36 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 36 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 32Page - Intel Corporation SCD1284 Datasheet HTML 33Page - Intel Corporation SCD1284 Datasheet HTML 34Page - Intel Corporation SCD1284 Datasheet HTML 35Page - Intel Corporation SCD1284 Datasheet HTML 36Page - Intel Corporation SCD1284 Datasheet HTML 37Page - Intel Corporation SCD1284 Datasheet HTML 38Page - Intel Corporation SCD1284 Datasheet HTML 39Page - Intel Corporation SCD1284 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
36
Datasheet
At the completion of the acknowledge procedure, the CD1284 must be taken out of the
acknowledge context by informing it that the procedure is complete. This restores the original
internal state before the context change. This operation occurs after the CPU performs a ‘dummy’
write to the EOSRR.
Several registers within the serial channel portion of the CD1284 can only be accessed when the
context switch has been made. These are the Virtual registers. For example, the CPU cannot place
data directly in the serial transmit FIFO at an arbitrary time. It must wait for a transmit service
request indicating that the FIFO is empty, then acknowledge it. Once the acknowledge procedure
begins, the transmit FIFO is available for loading.
The CD1284 makes requests for service when an enabled need exists. The two basic ways that the
CPU can be made aware of these service requests is through hardware (interrupt) or software
(polling internal CD1284 registers). Which method is dependent on the hardware/software design
of the system; the CD1284 functions well in either environment. The following section discusses
the trade-offs of either basic method and how to combine the two for maximum performance.
5.3.1
Interrupts
The term interrupt is a generalized description of the method where the CD1284 gains the attention
of the CPU. Interrupt is used interchangeably with ‘service request’ as the two are the same
function. Interrupt often describes an unconditional response on the part of the CPU. Whether or
not this is the case, the source is still the same — a service request from the CD1284. Hardware
signals generated by the CD1284 (SVCREQR*, SVCREQT*, and SVCREQM*) can be connected
to the CPU interrupt input to start an interrupt service routine. The service routine can then begin
servicing the request from the CD1284 by starting an acknowledge sequence.
The SVCREQ* outputs can be connected to the interrupt circuitry individually using three unique
interrupt-level inputs or they can be logically OR’ed together (not wire-OR’ed) into a single
interrupt and applied to one interrupt-level input. In the latter case, the CPU can examine the
SVRR to determine which service requests are active. The method (single or multiple interrupts)
chosen by the designer is dependent on the system requirements and hardware and/or board-space
limitations. The CD1284 has no restrictions. It is likely that interrupt latency is slightly shorter with
the first method since the individual interrupt levels can cause a software vector directly to the
correct service routine without first checking for the source of the interrupt.
No matter which interrupt method is used, the end result is the same. Once the CPU has recognized
that a service request is active, a service-acknowledge routine must be executed to process the
request. There are two ways to start the acknowledge and force the context switch: by four
hardware input pins or by making specific reads/writes to internal registers.
5.3.2
DMAREQ* as Parallel Interrupt Source
Interrupts are not generated by FIFO threshold conditions; therefore, if the system design requires
data to move through interrupts, connect DMAREQ* directly to a CPU interrupt input or logically
OR it into the same CPU interrupt input as SVCREQP*. If DMAREQ* is used to generate
interrupts, the following are required:
• A 16-bit data interface must be implemented to support 16-bit reads of the DMABUF register.
• The DMA threshold value in the PFTR must be initialized.
• DMAREQ* remains active until the FIFO is nearly empty (Rx) or nearly full (Tx), followed
by the toggling of DMAen if data is moved to/from FIFO through PIO (refer to Section 5.2.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com