Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM5706BCBDDA Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706BCBDDA
Description  Sitara Processors
PDF  395 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706BCBDDA Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM5706BCBDDA Datasheet HTML 68Page - Texas Instruments AM5706BCBDDA Datasheet HTML 69Page - Texas Instruments AM5706BCBDDA Datasheet HTML 70Page - Texas Instruments AM5706BCBDDA Datasheet HTML 71Page - Texas Instruments AM5706BCBDDA Datasheet HTML 72Page - Texas Instruments AM5706BCBDDA Datasheet HTML 73Page - Texas Instruments AM5706BCBDDA Datasheet HTML 74Page - Texas Instruments AM5706BCBDDA Datasheet HTML 75Page - Texas Instruments AM5706BCBDDA Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 395 page
background image
72
AM5706, AM5708
SPRS961D – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-6. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_d24
EMIF1 Data Bus
IO
T23
ddr1_d25
EMIF1 Data Bus
IO
T25
ddr1_d26
EMIF1 Data Bus
IO
T24
ddr1_d27
EMIF1 Data Bus
IO
P21
ddr1_d28
EMIF1 Data Bus
IO
N21
ddr1_d29
EMIF1 Data Bus
IO
P22
ddr1_d30
EMIF1 Data Bus
IO
P23
ddr1_d31
EMIF1 Data Bus
IO
P24
ddr1_dqm0
EMIF1 Data Mask
O
AE23
ddr1_dqm1
EMIF1 Data Mask
O
W22
ddr1_dqm2
EMIF1 Data Mask
O
U21
ddr1_dqm3
EMIF1 Data Mask
O
P25
ddr1_dqs0
Data strobe 0 input/output for byte 0 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
AD22
ddr1_dqsn0
Data strobe 0 invert
IO
AE22
ddr1_dqs1
Data strobe 1 input/output for byte 1 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
Y24
ddr1_dqsn1
Data strobe 1 invert
IO
Y25
ddr1_dqs2
Data strobe 2 input/output for byte 2 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
V24
ddr1_dqsn2
Data strobe 2 invert
IO
V25
ddr1_dqs3
Data strobe 3 input/output for byte 3 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
R24
ddr1_dqsn3
Data strobe 3 invert
IO
R25
ddr1_vref0
Reference Power Supply EMIF1
A
Y20
4.3.6
GPMC
NOTE
For more information, see the Memory Subsystem / General-Purpose Memory Controller
section of the Device TRM.
Table 4-7. GPMC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_ad0
GPMC Data 0 in A/D nonmultiplexed mode and additionally Address 1
in A/D multiplexed mode
IO
F1
gpmc_ad1
GPMC Data 1 in A/D nonmultiplexed mode and additionally Address 2
in A/D multiplexed mode
IO
E2
gpmc_ad2
GPMC Data 2 in A/D nonmultiplexed mode and additionally Address 3
in A/D multiplexed mode
IO
E1
gpmc_ad3
GPMC Data 3 in A/D nonmultiplexed mode and additionally Address 4
in A/D multiplexed mode
IO
C1
gpmc_ad4
GPMC Data 4 in A/D nonmultiplexed mode and additionally Address 5
in A/D multiplexed mode
IO
D1
gpmc_ad5
GPMC Data 5 in A/D nonmultiplexed mode and additionally Address 6
in A/D multiplexed mode
IO
D2
gpmc_ad6
GPMC Data 6 in A/D nonmultiplexed mode and additionally Address 7
in A/D multiplexed mode
IO
B1
gpmc_ad7
GPMC Data 7 in A/D nonmultiplexed mode and additionally Address 8
in A/D multiplexed mode
IO
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com