Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXRFDSM607X2 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXRFDSM607X2
Description  15 A Low-Side RF MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFDSM607X2 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXRFDSM607X2 Datasheet HTML 2Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 3Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 4Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 5Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 6Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 7Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 8Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 9Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
15 A Low-Side RF MOSFET Driver
IXRFDSM607X2
10
Applications Information
Introduction
Circuits capable of very high switching speeds and
high frequency operation require close attention to sev-
eral important issues. Key elements include circuit loop
inductance, Vcc bypassing, and grounding.
Circuit Loop Inductance
The Vcc to Ground current path defines the loop
that generates the inductive term. This loop must
be kept as short as possible. The output lead must be
no further than 0.375 inches (9.5 mm) from the gate of
the MOSFET. Furthermore, the output ground leads
must provide a balanced symmetric coplanar ground
return for optimum operation.
Vcc Bypassing
In order to turn a MOSFET on properly, the
IXRFDSM607X2 must be able to draw up to 15 A of
current from the Vcc power supply in 2 ns to 6 ns
(depending upon the input capacitance of the MOSFET
being driven). Good performance requires very low im-
pedance between the driver and the power supply. The
most common method of achieving this low impedance
is to bypass the power supply at the driver with a ca-
pacitance value much larger than the load capacitance.
Usually, this is achieved by placing two or three differ-
ent types of bypassing capacitors, with complementary
impedance curves, very close to the driver itself.
(These capacitors should be carefully selected for low
inductance, low resistance, and high pulse current ser-
vice.) Care should be taken to keep the lengths of the
leads between these bypass capacitors and the
IXRFDSM607X2 to an absolute minimum.
The bypassing should be comprised of several values
of MLC (Multi-Layer Ceramic) capacitors symmetrically
placed on either side of the IC. Recommended values
are 0.01uF and 0.47uF for bypass and at least two
4.7uF tantalums for bulk storage.
Grounding
In order for the design to turn the load off properly, the
IXRFDSM607X2 must be able to drain 15 A of current
into an adequate grounding system. There are two
paths for returning current that need to be considered:
Path one is between the IXRFDSM607X2 and its load,
and path two is between the IXRFDSM607X2 and its
power supply. Both of these paths should be as low in
resistance and inductance as possible, and thus as
short as practical.
Output Lead Inductance
Of equal importance to supply bypassing and
grounding are issues related to the output lead
inductance. Every effort should be made to keep
the leads between the driver and its load as short
and wide as possible, and treated as coplanar
transmission lines. In configurations where the
optimum configuration of circuit layout and by-
passing cannot be used, a series resistance of a
few ohms in the gate lead may be necessary to
dampen ringing.
Heat Sinking
For high power operation, the bottom side metal-
lized substrate should be placed in compression
against an appropriate heat sink. The substrate
is metalized for improved heat dissipation, and is
not electrically connected to the device or to
ground. See the technical note “DE-Series
MOSFET and IC Mounting Instructions” on the
IXYS Colorado website at www.ixyscolorado.com
for detailed mounting instructions.
An
IXYS Company
1609 Oakridge Dr., Suite 100
Fort Collins, CO USA 80525
970-493-1901 Fax: 970-232-3025
Email: sales@ixyscolorado.com
Web: http://www.ixyscolorado.com
© September 2017



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com